Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

HB28D032MM2 Datasheet(PDF) 53 Page - Renesas Technology Corp

Part # HB28D032MM2
Description  MultiMediaCard 16 MByte/32 MByte/64 MByte/128 MByte
PDF  90 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HB28D032MM2 Datasheet(HTML) 53 Page - Renesas Technology Corp

Back Button HB28D032MM2 Datasheet HTML 49Page - Renesas Technology Corp HB28D032MM2 Datasheet HTML 50Page - Renesas Technology Corp HB28D032MM2 Datasheet HTML 51Page - Renesas Technology Corp HB28D032MM2 Datasheet HTML 52Page - Renesas Technology Corp HB28D032MM2 Datasheet HTML 53Page - Renesas Technology Corp HB28D032MM2 Datasheet HTML 54Page - Renesas Technology Corp HB28D032MM2 Datasheet HTML 55Page - Renesas Technology Corp HB28D032MM2 Datasheet HTML 56Page - Renesas Technology Corp HB28D032MM2 Datasheet HTML 57Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 53 / 90 page
background image
HB28H016/D032/B064/B128MM2
Rev.5.0, Jan. 2003, page 51 of 88
• Stream read
The data transfer starts N
AC clock cycles after the end bit of the host command.
The bus transaction is
identical to that of a read block command (refer to Figure “Data Read Timing”). As the data transfer is not
block-oriented, the data stream does not include the CRC checksum. Consequently the host can not check
for data validity. The data stream is terminated by a stop command. The corresponding bus transaction is
identical to the stop command for the multiple read block (refer to Figure “Timing of Stop Command”).
• Single or multiple block write
The host selects one card for data write operation by CMD7. The host sets the valid block length for
block-oriented data transfer by CMD16 (The write-block-length of the Hitachi MultiMediaCard is
permanently assigned to the value 512 bytes). The host transfers the data with CMD24. The address of the
data block is determined by the argument of this command. This command is responded by the card on the
CMD line as usual. The data transfer from the host starts N
WR clock cycles after the card response was
received. The write data have CRC check bits to allow the card to check the transferred data for
transmission errors. The card sends the CRC check information as a CRC status to the host (on the data
line). The CRC status contains the information if the write data transfer was non-erroneous (the CRC
check did not fail) or not. In the case of transmission error the card sends a negative CRC status (“101”
bin) which forces the host to retransmit command and the data. In the case of non-erroneous transmission
the card sends a positive CRC status (“010” bin) and starts the data programming procedure.
S T
content
CRC E
CMD
DAT
CMD
DAT
Z Z Z
* * * *
* * * *
Z
ZZ S
E S
E
status
busy = 'L'
Z
ZZ Z Z Z Z ZZ Z Z Z
CRC E
content
L ... pull down to LOW bit
Host command
NCR
S T
content
CRC E
S
ZP
Card response
content
NWR
Write data
CRC status
Card busy
Z
Host active
Card active
Host active
Host active
Card active
Write data
Timing of The Block Write Command
If the card does not have any more free data receive buffer, the card indicates it by pulling down the data
line to LOW. The card stops pulling down the data line as soon as at least one receive buffer for the
defined data transfer block length becomes free. This signaling does not give any information about the
data write status. This information has to be polled by the status polling command (SEND_STATUS).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com