Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

HB28D032MM2 Datasheet(PDF) 11 Page - Renesas Technology Corp

Part # HB28D032MM2
Description  MultiMediaCard 16 MByte/32 MByte/64 MByte/128 MByte
PDF  90 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HB28D032MM2 Datasheet(HTML) 11 Page - Renesas Technology Corp

Back Button HB28D032MM2 Datasheet HTML 7Page - Renesas Technology Corp HB28D032MM2 Datasheet HTML 8Page - Renesas Technology Corp HB28D032MM2 Datasheet HTML 9Page - Renesas Technology Corp HB28D032MM2 Datasheet HTML 10Page - Renesas Technology Corp HB28D032MM2 Datasheet HTML 11Page - Renesas Technology Corp HB28D032MM2 Datasheet HTML 12Page - Renesas Technology Corp HB28D032MM2 Datasheet HTML 13Page - Renesas Technology Corp HB28D032MM2 Datasheet HTML 14Page - Renesas Technology Corp HB28D032MM2 Datasheet HTML 15Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 90 page
background image
HB28H016/D032/B064/B128MM2
Rev.5.0, Jan. 2003, page 9 of 88
Operation Condition Register (OCR)
This register indicates supported voltage range of these Hitachi MultiMediaCards. It is a 32 bit wide
register and for read only.
OCR Fields
OCR slice
Field
Value
Note
D31
Card power up status bit (Busy).
0 or 1
D[30-24]
reserved
0
D23
3.5 – 3.6V
1
D22
3.4 – 3.5V
1
D21
3.3 – 3.4V
1
D20
3.2 – 3.3V
1
D19
3.1 – 3.2V
1
D18
3.0 – 3.1V
1
D17
2.9 – 3.0 V
1
D16
2.8 – 2.9V
1
D15
2.7 – 2.8V
1
D14
2.6 – 2.7V
0
D13
2.5 – 2.6 V
0
D12
2.4 – 2.5V
0
D11
2.3 – 2.4V
0
D10
2.2 – 2.3V
0
D9
2.1 – 2.2V
0
D8
2.0 – 2.1V
0
D7
1.9 – 2.0 V
0
D6
1.8 – 1.9V
0
D5
1.7 – 1.8V
0
D4
1.65 – 1.7V
0
D3
1.60 – 1.65 V
0
D2
1.55 – 1.60V
0
D1
1.50 – 1.55V
0
D0
1.45 – 1.50V
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com