Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

HB28D032MM2 Datasheet(PDF) 88 Page - Renesas Technology Corp

Part # HB28D032MM2
Description  MultiMediaCard 16 MByte/32 MByte/64 MByte/128 MByte
PDF  90 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HB28D032MM2 Datasheet(HTML) 88 Page - Renesas Technology Corp

Back Button HB28D032MM2 Datasheet HTML 82Page - Renesas Technology Corp HB28D032MM2 Datasheet HTML 83Page - Renesas Technology Corp HB28D032MM2 Datasheet HTML 84Page - Renesas Technology Corp HB28D032MM2 Datasheet HTML 85Page - Renesas Technology Corp HB28D032MM2 Datasheet HTML 86Page - Renesas Technology Corp HB28D032MM2 Datasheet HTML 87Page - Renesas Technology Corp HB28D032MM2 Datasheet HTML 88Page - Renesas Technology Corp HB28D032MM2 Datasheet HTML 89Page - Renesas Technology Corp HB28D032MM2 Datasheet HTML 90Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 88 / 90 page
background image
HB28H016/D032/B064/B128MM2
Rev.5.0, Jan. 2003, page 86 of 88
Abbreviations
Terms
CIN
Card individual number.
CRC
Cyclic redundancy check.
ECC
Error correction code.
G(x)
Generator polynomial of error correction/check code.
TAC
Asynchronous access delay
NSAC
Number of synchronous access cycles to be added to the access delay
f
OD
Open drain mode operating frequency (maximum 400kHz).
f
PP
Push pull mode operating frequency (maximum 20MHz).
MSB
Most significant bit.
LSB
Least significant bit.
Human Body Model
Standard model to simulate electrical conditions induced by handling and touching of
electrical devices by humans.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com