Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

HB28D032MM2 Datasheet(PDF) 56 Page - Renesas Technology Corp

Part # HB28D032MM2
Description  MultiMediaCard 16 MByte/32 MByte/64 MByte/128 MByte
PDF  90 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HB28D032MM2 Datasheet(HTML) 56 Page - Renesas Technology Corp

Back Button HB28D032MM2 Datasheet HTML 52Page - Renesas Technology Corp HB28D032MM2 Datasheet HTML 53Page - Renesas Technology Corp HB28D032MM2 Datasheet HTML 54Page - Renesas Technology Corp HB28D032MM2 Datasheet HTML 55Page - Renesas Technology Corp HB28D032MM2 Datasheet HTML 56Page - Renesas Technology Corp HB28D032MM2 Datasheet HTML 57Page - Renesas Technology Corp HB28D032MM2 Datasheet HTML 58Page - Renesas Technology Corp HB28D032MM2 Datasheet HTML 59Page - Renesas Technology Corp HB28D032MM2 Datasheet HTML 60Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 56 / 90 page
background image
HB28H016/D032/B064/B128MM2
Rev.5.0, Jan. 2003, page 54 of 88
SPI Communication
The SPI mode consists of a secondary communication protocol. This mode is a subset of the
MultiMediaCard protocol, designed to communicate with a SPI channel, commonly found in Motorola’s
(and lately a few other vendors’) microcontrollers. The interface is selected during the first reset command
after power up (CMD0) and cannot be changed once the part is powered on. The SPI standard defines the
physical link only, and not the complete data transfer protocol. The MultiMediaCard SPI implementation
uses a subset of the MultiMediaCard protocol and command set. It is intended to be used by systems
which require a small number of card (typically one) and have lower data transfer rates (compared to
MultiMediaCard protocol based systems). From the application point of view, the advantage of the SPI
mode is the capability of using an off-the-shelf host, hence reducing the design-in effort to minimum. The
disadvantage is the loss of performance of the SPI system versus MultiMediaCard (lower data transfer rate,
fewer cards, hardware CS per card etc.). While the MultiMediaCard channel is based on command and
data bitstreams which are initiated by a start bit and terminated by a stop bit, the SPI channel is byte
oriented. Every command or data block is built of 8-bit bytes and is byte aligned to the CS signal (i.e. the
length is a multiple of 8 clock cycles). Similar to the MultiMediaCard protocol, the SPI messages consist
of command, response and data-block tokens (refer to Chapter “Commands” and Chapter “Responses” for
a detailed description). All communication between host and cards is controlled by the host (master). The
host starts every bus transaction by asserting the CS signal low. The response behavior in the SPI mode
differs from the MultiMediaCard mode in the following three aspects:
• The selected card always responds to the command.
• An additional (8 bit) response structure is used
• When the card encounters a data retrieval problem, it will respond with an error response (which
replaces the expected data block) rather than by a time-out as in the MultiMediaCard mode.
Single block and multiple read and write operations are supported in SPI mode. In addition to the
command response, every data block sent to the card during write operations will be responded with a
special data response token. A data block may be as big as one card sector and as small as a single byte.
Partial block read/write operations are enabled by card options specified in the CSD register.
Mode Selection
The MultiMediaCard wakes up in the MultiMediaCard mode. It will enter SPI mode if the reset command
(CMD0) is received during the CS signal is asserted (negative). Selecting SPI mode is not restricted to Idle
state (the state the card enters after power up) only. Every time the card receives CMD0, including while
in Inactive state, CS signal is sampled.
If the card recognizes that the MultiMediaCard mode is required it will not respond to the command and
remain in the MultiMediaCard mode. If SPI mode is required the card will switch to SPI and respond with
the SPI mode R1 response.
The only way to return to the MultiMediaCard mode is by entering the power cycle. In SPI mode the
MultiMediaCard protocol state machine is not observed. All the MultiMediaCard commands supported in
SPI mode are always available.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com