| Electronic Components Datasheet Search |
|
HB28D032MM2 Datasheet(PDF) 70 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
HB28D032MM2 Datasheet(HTML) 70 Page - Renesas Technology Corp |
|
70 / 90 page ![]() HB28H016/D032/B064/B128MM2 Rev.5.0, Jan. 2003, page 68 of 88 Clearing Status Bits As described in the previous paragraphs, in SPI mode, status bits are reported to the host in three different formats: response R1, response R2 and data error token (the same bits may exist in multiple response types— e.g Card ECC failed). As in the MultiMediaCard mode, error bits are cleared when read by the host, regardless of the response format. State indicators are either cleared by reading or in accordance with the card state. All Error/Status bits defined in MultiMediaCard mode, with the exception of underrun and overrun, have the same meaning and usage in SPI mode. The following table summarizes the set and clear conditions for the various status bits: • Type: • E: Error bit. • S: Status bit. • R: Detected and set for the actual command response. • X: Detected and set during command execution. The host must poll the card by sending status command in order to read these bits. • Clear Condition: • A: According to the card state. • C: Clear by read. SPI mode Status bits Identifier Included in resp Type Value Description Clear condition Out of range R2 DataErr E R X ’0’= no error ’1’= error The command argument was out of allowed range for these Hitachi MultiMediaCards. C Address error R1 R2 E R X ’0’= no error ’1’= error An address which did not match the block length was used in the command. C Erase sequence error R1 R2 E R ’0’= no error ’1’= error An error in the sequence of erase command sequence. C Error param R2 E X ’0’= no error ’1’= error An error in the parameters of the erase command sequence. C Parameter error R1 R2 E R X ’0’= no error ’1’= error An error in the parameters of the command. C WP violation R2 E R X ’0’= not protected ’1’= protected Attempt to program a write protected block. C Com CRC error R1 R2 E R ’0’= no error ’1’= error The CRC check of the previous command failed. C |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |