Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

HB28D032MM2 Datasheet(PDF) 19 Page - Renesas Technology Corp

Part # HB28D032MM2
Description  MultiMediaCard 16 MByte/32 MByte/64 MByte/128 MByte
PDF  90 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HB28D032MM2 Datasheet(HTML) 19 Page - Renesas Technology Corp

Back Button HB28D032MM2 Datasheet HTML 15Page - Renesas Technology Corp HB28D032MM2 Datasheet HTML 16Page - Renesas Technology Corp HB28D032MM2 Datasheet HTML 17Page - Renesas Technology Corp HB28D032MM2 Datasheet HTML 18Page - Renesas Technology Corp HB28D032MM2 Datasheet HTML 19Page - Renesas Technology Corp HB28D032MM2 Datasheet HTML 20Page - Renesas Technology Corp HB28D032MM2 Datasheet HTML 21Page - Renesas Technology Corp HB28D032MM2 Datasheet HTML 22Page - Renesas Technology Corp HB28D032MM2 Datasheet HTML 23Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 90 page
background image
HB28H016/D032/B064/B128MM2
Rev.5.0, Jan. 2003, page 17 of 88
• VDD_R_CURR_MIN, VDD_W_CURR_MIN
The maximum supply current at the minimum supply voltage V
CC (2.7 V) is coded as follows:
Maximum Supply Current Consumption at V
CC = 2.7 V
VDD_R_CURR_MIN
VDD_W_CURR_MIN
Code for current consumption at 2.7 V
2:0
0 = 0.5 mA; 1 = 1 mA; 2 = 5 mA; 3 = 10 mA; 4 = 25 mA; 5 = 35 mA; 6
= 60 mA; 7 = 100 mA
The parameter VDD_R_CURR_MIN and VDD_W_CURR_MIN are permanently assigned. The value of
VDD_R_CURR_MIN and VDD_W_CURR_MIN for each model is following:
Model
Value
HB28H016MM2
6 (60 mA)
HB28D032MM2
6 (60 mA)
HB28B064MM2
6 (60 mA)
HB28B128MM2
6 (60 mA)
• VDD_R_CURR_MAX, VDD_W_CURR_MAX
The maximum supply current at the maximum supply voltage V
CC (3.6 V) is coded as follows:
Maximum Supply Current Consumption at V
CC = 3.6 V
VDD_R_CURR_MAX
VDD_W_CURR_MAX
Code for current consumption at 3.6 V
2:0
0 = 1 mA; 1 = 5 mA; 2 = 10 mA; 3 = 25 mA; 4 = 35 mA; 5 = 45 mA; 6 =
80 mA; 7 = 200 mA
The parameter VDD_R_CURR_MAX and VDD_W_CURR_MAX are permanently assigned. The value
of VDD_R_CURR_MAX and VDD_W_CURR_MAX for each model is following:
Model
Value
HB28H016MM2
6 (80 mA)
HB28D032MM2
6 (80 mA)
HB28B064MM2
6 (80 mA)
HB28B128MM2
6 (80 mA)
For more details refer to Chapter “Characteristics”.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com