| Electronic Components Datasheet Search |
|
HB28D032MM2 Datasheet(PDF) 52 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
HB28D032MM2 Datasheet(HTML) 52 Page - Renesas Technology Corp |
|
52 / 90 page ![]() HB28H016/D032/B064/B128MM2 Rev.5.0, Jan. 2003, page 50 of 88 • Last host command - next host command timing diagram After the last command, which does not force a response, has been sent, the host can continue sending the next command after at least N CC clock periods. S T content CRC E Z * * * * * * Z CMD Host command S T content CRC E Host command NCC cycles Host active Host active Timing CMD n End to CMDn+1 Start (All Modes) In the case the CMD n command was a last identification command (no more response sent by a card), then the next CMD n+1 command is allowed to follow after at least NCC +136 (the length of the R2 response) clock periods. • Data access timing Data transmission starts with the access time delay t AC (which corresponds to NAC), beginning from the end bit of the data address command. The data transfer stops automatically in case of a data block transfer or by a transfer stop command. S T content CRC E Z Z P * * * P CMD DAT Z Z Z Z Z Z Z Z Z P P S D D D * * * * * * * * * * * * * * * * * * Host command Read data S T content CRC E Response NCR cycles NAC cycles Host active Card active Card active Data Read Timing (Data Transfer Mode) • Data transfer stop command timing The card data transmission can be stopped using the stop command. The data transmission stops immediately with the end bit of the stop command. S T content CRC E Z Z P * * * P CMD DAT DD D D D D E Z * * * * * * * * Z * * * * * * * * * * * * * * * * * * * * * * Host command S T content CRC E Response NCR cycles Host active Card active Card active NST Timing of Stop Command (CMD12, Data Transfer Mode) |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |