Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

HB28D032MM2 Datasheet(PDF) 12 Page - Renesas Technology Corp

Part # HB28D032MM2
Description  MultiMediaCard 16 MByte/32 MByte/64 MByte/128 MByte
PDF  90 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HB28D032MM2 Datasheet(HTML) 12 Page - Renesas Technology Corp

Back Button HB28D032MM2 Datasheet HTML 8Page - Renesas Technology Corp HB28D032MM2 Datasheet HTML 9Page - Renesas Technology Corp HB28D032MM2 Datasheet HTML 10Page - Renesas Technology Corp HB28D032MM2 Datasheet HTML 11Page - Renesas Technology Corp HB28D032MM2 Datasheet HTML 12Page - Renesas Technology Corp HB28D032MM2 Datasheet HTML 13Page - Renesas Technology Corp HB28D032MM2 Datasheet HTML 14Page - Renesas Technology Corp HB28D032MM2 Datasheet HTML 15Page - Renesas Technology Corp HB28D032MM2 Datasheet HTML 16Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 90 page
background image
HB28H016/D032/B064/B128MM2
Rev.5.0, Jan. 2003, page 10 of 88
Card Identification (CID)
This register contains the card identification information used during the card identification procedure. It
is a 128 bit wide register, one-time programmable by the provider. It was programmed at the manufacture.
The CID is divided into eight slices:
CID Fields
Name
Field
Width
CID-slice
Note
Manufacturer ID
MID
8
[127:120]
1
OEM/Application ID
OID
16
[119:104]
Product name
PNM
48
[103:56]
Product revision
PRV
8
[55:48]
Product serial number
PSN
32
[47:16]
Manufacturing date
MDT
8
[15:8]
7-bit CRC checksum
CRC7
7
[7:1]
not used, always 1
—
1
[0:0]
Note:
1. The value of MID is 0x06.
The CID has to be error free. To ensure the correctness of the CID, a 7-bit CRC checksum is added to the
end of the CID. The CRC7 is computed according to chapter “Cyclic Redundancy Check (CRC)”.
Relative Card Address (RCA)
The 16-bit relative card address register carries the card address assigned by the host during the card
identification. This address is used for the addressed host to card communication after the card
identification procedure. The default value of the RCA register is 0x0001. The value 0x0000 is reserved
to set all cards in Standby State with the command SELECT_DESELECT_CARD (CMD7). The RCA is
programmed with the command SET_RELATIVE_ADDRESS (CMD3) during the initialization procedure.
The content of this register is lost after power down. The default value is assigned when an internal reset is
applied by the power up detection unit of these Hitachi MultiMediaCards, or when the command
GO_IDLE_STATE (CMD0) is detected by these Hitachi MultiMediaCards.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com