Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

HB28D032MM2 Datasheet(PDF) 48 Page - Renesas Technology Corp

Part # HB28D032MM2
Description  MultiMediaCard 16 MByte/32 MByte/64 MByte/128 MByte
PDF  90 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HB28D032MM2 Datasheet(HTML) 48 Page - Renesas Technology Corp

Back Button HB28D032MM2 Datasheet HTML 44Page - Renesas Technology Corp HB28D032MM2 Datasheet HTML 45Page - Renesas Technology Corp HB28D032MM2 Datasheet HTML 46Page - Renesas Technology Corp HB28D032MM2 Datasheet HTML 47Page - Renesas Technology Corp HB28D032MM2 Datasheet HTML 48Page - Renesas Technology Corp HB28D032MM2 Datasheet HTML 49Page - Renesas Technology Corp HB28D032MM2 Datasheet HTML 50Page - Renesas Technology Corp HB28D032MM2 Datasheet HTML 51Page - Renesas Technology Corp HB28D032MM2 Datasheet HTML 52Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 48 / 90 page
background image
HB28H016/D032/B064/B128MM2
Rev.5.0, Jan. 2003, page 46 of 88
Status
Bits
Identifier
Type
Value
Description
Clear condition
31
OUT_OF_RANGE
E R
’0’= no error
’1’= error
The commands argument was out
of allowed range for this card.
C
30
ADDRESS_ERROR E R X ’0’= no error
’1’= error
A misaligned address, which did
not match the block length was
used in the command.
C
29
BLOCK_LEN_ERRO
R
E R
’0’= no error
’1’= error
The transferred block length is not
allowed for this card or the
number of transferred bytes does
not match the block length
C
28
ERASE_SEQ_ERR
OR
E R
’0’= no error
’1’= error
An error in the sequence of erase
commands occurred.
C
27
ERASE_PARAM
E X
’0’= no error
’1’= error
An invalid selection, sectors or
groups, for erase.
C
26
WP_VIOLATION
E R X ’0’= not protected
’1’= protected
The command tried to write a
write protected block.
C
25
CARD_IS_LOCKED S X
’0’= card
unlocked
’1’= card locked
When set, signals that the card is
locked by the host.
A
24
LOCK_UNLOCK_
FAILED
E R X ’0’= no error
’1’= error
Set when a sequence or
password error has been
detected in lock/unlock card
command or it there was an
attempt to access a locked card.
C
23
COM_CRC_ERROR E R
’0’= no error
’1’= error
The CRC check of the previous
command failed.
B
22
ILLEGAL_COMMAN
D
E R
’0’= no error
’1’= error
Command not legal for the
current state
B
21
CARD_ECC_FAILE
D
E X
’0’= success
’1’= failure
Card internal ECC was applied
but the correction of data is failed.
C
20
CC_ERROR
E R X ’0’= no error
’1’= error
Internal card controller error
C
19
ERROR
E R X ’0’= no error
’1’= error
A general or an unknown error
occurred during the operation.
C
18
UNDERRUN
E X
’0’= no error
’1’= error
The card could not sustain data
transfer in stream read mode.
C
17
OVERRUN
E X
’0’= no error
’1’= error
The card could not sustain data
programming in stream write
mode.
C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com