Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

HB28D032MM2 Datasheet(PDF) 78 Page - Renesas Technology Corp

Part # HB28D032MM2
Description  MultiMediaCard 16 MByte/32 MByte/64 MByte/128 MByte
PDF  90 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HB28D032MM2 Datasheet(HTML) 78 Page - Renesas Technology Corp

Back Button HB28D032MM2 Datasheet HTML 74Page - Renesas Technology Corp HB28D032MM2 Datasheet HTML 75Page - Renesas Technology Corp HB28D032MM2 Datasheet HTML 76Page - Renesas Technology Corp HB28D032MM2 Datasheet HTML 77Page - Renesas Technology Corp HB28D032MM2 Datasheet HTML 78Page - Renesas Technology Corp HB28D032MM2 Datasheet HTML 79Page - Renesas Technology Corp HB28D032MM2 Datasheet HTML 80Page - Renesas Technology Corp HB28D032MM2 Datasheet HTML 81Page - Renesas Technology Corp HB28D032MM2 Datasheet HTML 82Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 78 / 90 page
background image
HB28H016/D032/B064/B128MM2
Rev.5.0, Jan. 2003, page 76 of 88
Power on
Each card has its own power on detection circuitry which puts the card into a defined state after the power-
on. No explicit reset signal is necessary. The cards can also be reset by a special software command:
GO_IDLE_STATE (CMD0). In case of emergency the host may also reset the cards by switching the
power supply off and on again.
Power up
detection
command
parser
core
controller
memory
core
V
CC
V
SS
ENABLE
MultiMediaCard controller
CLK CMD
DAT
ASYNC.RESET
Power on Detection
A power on reset is generated on chip as long as V
CC is below a certain limit.
After this reset the command
parser of these Hitachi MultiMediaCards works properly but the access to the memory core is not
guaranteed. So in the power up phase (or when these Hitachi MultiMediaCards are inserted during power
up) the host has to wait after sending SEND_OP_COND (CMD1) for the identification delay before the
ALL_SEND_CID (CMD2) can be interpreted by the card:



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com