Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

HB28D032MM2 Datasheet(PDF) 75 Page - Renesas Technology Corp

Part # HB28D032MM2
Description  MultiMediaCard 16 MByte/32 MByte/64 MByte/128 MByte
PDF  90 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HB28D032MM2 Datasheet(HTML) 75 Page - Renesas Technology Corp

Back Button HB28D032MM2 Datasheet HTML 71Page - Renesas Technology Corp HB28D032MM2 Datasheet HTML 72Page - Renesas Technology Corp HB28D032MM2 Datasheet HTML 73Page - Renesas Technology Corp HB28D032MM2 Datasheet HTML 74Page - Renesas Technology Corp HB28D032MM2 Datasheet HTML 75Page - Renesas Technology Corp HB28D032MM2 Datasheet HTML 76Page - Renesas Technology Corp HB28D032MM2 Datasheet HTML 77Page - Renesas Technology Corp HB28D032MM2 Datasheet HTML 78Page - Renesas Technology Corp HB28D032MM2 Datasheet HTML 79Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 75 / 90 page
background image
HB28H016/D032/B064/B128MM2
Rev.5.0, Jan. 2003, page 73 of 88
Error Handling
MultiMediaCards are defined as error free devices or as devices with a defined maximum bit error rate
(with external error correction circuitry). To correct defects in the memory field of the cards the system
may include error correction codes in the payload data (ECC). This correction is intended to correct static
errors. Additionally two methods of detecting errors generated during the data transfer (dynamic errors)
via a cyclic redundancy check (CRC) are implemented.
On Card Error Correction Code
(ECC)
These Hitachi MultiMediaCards is free of static errors. All errors are covered inside the card, even errors
occurring during the lifetime of these Hitachi MultiMediaCards are covered for the user. The only effect
which may be notified by the end user is, that the overall memory capacity may be reduced by small
number of blocks. All flash handling is done on card, so that no external error correction is needed.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com