Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

HB28D032MM2 Datasheet(PDF) 14 Page - Renesas Technology Corp

Part # HB28D032MM2
Description  MultiMediaCard 16 MByte/32 MByte/64 MByte/128 MByte
PDF  90 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HB28D032MM2 Datasheet(HTML) 14 Page - Renesas Technology Corp

Back Button HB28D032MM2 Datasheet HTML 10Page - Renesas Technology Corp HB28D032MM2 Datasheet HTML 11Page - Renesas Technology Corp HB28D032MM2 Datasheet HTML 12Page - Renesas Technology Corp HB28D032MM2 Datasheet HTML 13Page - Renesas Technology Corp HB28D032MM2 Datasheet HTML 14Page - Renesas Technology Corp HB28D032MM2 Datasheet HTML 15Page - Renesas Technology Corp HB28D032MM2 Datasheet HTML 16Page - Renesas Technology Corp HB28D032MM2 Datasheet HTML 17Page - Renesas Technology Corp HB28D032MM2 Datasheet HTML 18Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 90 page
background image
HB28H016/D032/B064/B128MM2
Rev.5.0, Jan. 2003, page 12 of 88
Name
Field
Width
CSD-slice Value
Type
Write protect group size
WP_GRP_SIZE
5
[36:32]
0x01 (16 kByte)
read only
Write protect group enable
WP_GRP_ENABLE
1
[31:31]
‘1’
read only
Manufacturer default ECC
DEFAULT_ECC
2
[30:29]
0
read only
Write speed factor
R2W_FACTOR
3
[28:26]
2 (4)
read only
Max. write data block length WRITE_BLK_LEN
4
[25:22]
9 (512 Bytes)
read only
Partial blocks for write
allowed
WRITE_BLK_PARTIAL 1
[21:21]
‘0’
read only
Reserved
—
5
[20:16]
0
read only
File format group
FILE_FORMAT_GRP
1
[15:15]
×*4
read/write
Copy flag (OTP)
COPY
1
[14:14]
×
read/write
Permanent write protection
PERM_WRITE_PROTE
CT
1
[13:13]
×
read/write
Temporary write protection
TMP_WRITE_PROTEC
T
1
[12:12]
×
read/write/
erase
File format
FILE_FORMAT
2
[11:10]
×
read/write
ECC code
ECC
2
[9:8]
×
read/write/
erase
7-bit CRC
CRC7
7
[7:1]
×
read/write/
erase
Not used, always 1
—
1
[0:0]
1
read only
Notes: 1. This field is depended on the model. Refer to also C_SIZE
2. This field is depended on the model.
3. This field is depended on the model. Refer to also C_SIZE_MULT
4.
× means user programmable
Some of the CSD fields are one-time or multiple programmable by the customer or provider. All other
field values are fixed. The following section describes the CSD fields and their values for these Hitachi
MultiMediaCards:
• CSD_STRUCTURE
CSD Register Structure
CSD_STRUCTURE
CSD register structure
“10”
CSD version No. 1.2
The CSD version of these Hitachi MultiMediaCards is related to the “MultiMediaCard system
specification, Version 3.1”. The parameter CSD_STRUCTURE has permanently the value “10”.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com