| Electronic Components Datasheet Search |
|
HB28D032MM2 Datasheet(PDF) 87 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
HB28D032MM2 Datasheet(HTML) 87 Page - Renesas Technology Corp |
|
87 / 90 page ![]() HB28H016/D032/B064/B128MM2 Rev.5.0, Jan. 2003, page 85 of 88 Abbreviations and Terms Abbreviations Terms <n> Argument of a command or data field. CMD<n> MultiMediaCard bus command <n>. See Command. PP Push Pull, output driver type with low impedance driver capability for 0 and 1. OD Open Drain, output driver type with low impedance driver capability for 0 and high impedance driver capability for 1. CSD Card specific data, MultiMediaCard register to store operating parameters. CID Card identification data, MultiMediaCard register for the card initialization procedure. RCA Relative card address, MultiMediaCard register which contains the current card address of an initialized MultiMediaCard. OCR Operation condition register, MultiMediaCard register that contains the voltage window which is supported by the MultiMediaCard. DSR Driver stage register, control register for the programmable driver stage driver (PDS). PDS Programmable driver stage driver, is a tri-state output driver which has is programmable to adapt the driver capabilities to the bus design. Command A command send from the MultiMediaCard host to one or more MultiMediaCard cards Response A response is always sent from the card to the host. It is always initiated by a command (Remark: not all commands enforce responses). Broadcast Com. A command may send as broadcast or as an addressed command. A broadcast command is sent to all cards connected to the MultiMediaCard bus simultaneous. Addressed Com. An addressed command is sent to exactly one selected MultiMediaCard. Normally an addressed command forces a response of the card. Point to point C. Same as addressed command DAT The data (input)/output signal of the MultiMediaCard. CLK The clk input signal of the MultiMediaCard. CMD The command/response input/output of the MultiMediaCard. V SS1,2 Ground contacts/lines of the MultiMediaCard. V CC Supply voltage contact/line of the MultiMediaCard. Memory core Array of memory cells in the core of the MultiMediaCard. MultiMediaCard interface MultiMediaCard command interpreter module. MID Manufacturer Identifier. |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |