Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

HB28D032MM2 Datasheet(PDF) 67 Page - Renesas Technology Corp

Part # HB28D032MM2
Description  MultiMediaCard 16 MByte/32 MByte/64 MByte/128 MByte
PDF  90 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HB28D032MM2 Datasheet(HTML) 67 Page - Renesas Technology Corp

Back Button HB28D032MM2 Datasheet HTML 63Page - Renesas Technology Corp HB28D032MM2 Datasheet HTML 64Page - Renesas Technology Corp HB28D032MM2 Datasheet HTML 65Page - Renesas Technology Corp HB28D032MM2 Datasheet HTML 66Page - Renesas Technology Corp HB28D032MM2 Datasheet HTML 67Page - Renesas Technology Corp HB28D032MM2 Datasheet HTML 68Page - Renesas Technology Corp HB28D032MM2 Datasheet HTML 69Page - Renesas Technology Corp HB28D032MM2 Datasheet HTML 70Page - Renesas Technology Corp HB28D032MM2 Datasheet HTML 71Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 67 / 90 page
background image
HB28H016/D032/B064/B128MM2
Rev.5.0, Jan. 2003, page 65 of 88
• Format R2
This response token is two bytes long and sent as a response to the SEND_STATUS command. The
format is given in Figure “R2 Response Format”.
wp erase skip | lock/unlock command failed
error
1. Byte
2. Byte
CC error
card ecc failed
wp violation
erase param
out of range | csd_overwrite
in idle state
erase reset
illegal command
com crc error
erase sequence error
address error
parameter error
card is locked
0
0
0
7
7
R2 Response Format
The first byte is identical to the response R1. The content of the second byte is described in the following:
• Out of range  csd_overwrite: This status bit has two functions. It is set if the command
argument was out of its valid range or if the host is trying to change the ROM section or reverse
the copy bit (set as original) or permanent WP bit (un-protect) of the CSD register.
• Erase param: An invalid selection, sectors or groups, for erase.
• Write protect violation: The command tried to write a write protected block.
• Card ECC failed: Card internal ECC was applied but failed to correct the data.
• CC error: Internal card controller error
• Error: A general or an unknown error occurred during the operation.
• Write protect erase skip | lock/unlock command failed: This status bit has two functions
overloaded. It is set when the host attempts to erase a write protected sector or if a sequence or
password error occurred during card lock/unlock operation.
• Card is locked: Set when the card is locked by the user. Reset when it is unlocked.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com