Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

HB28D032MM2 Datasheet(PDF) 28 Page - Renesas Technology Corp

Part # HB28D032MM2
Description  MultiMediaCard 16 MByte/32 MByte/64 MByte/128 MByte
PDF  90 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HB28D032MM2 Datasheet(HTML) 28 Page - Renesas Technology Corp

Back Button HB28D032MM2 Datasheet HTML 24Page - Renesas Technology Corp HB28D032MM2 Datasheet HTML 25Page - Renesas Technology Corp HB28D032MM2 Datasheet HTML 26Page - Renesas Technology Corp HB28D032MM2 Datasheet HTML 27Page - Renesas Technology Corp HB28D032MM2 Datasheet HTML 28Page - Renesas Technology Corp HB28D032MM2 Datasheet HTML 29Page - Renesas Technology Corp HB28D032MM2 Datasheet HTML 30Page - Renesas Technology Corp HB28D032MM2 Datasheet HTML 31Page - Renesas Technology Corp HB28D032MM2 Datasheet HTML 32Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 90 page
background image
HB28H016/D032/B064/B128MM2
Rev.5.0, Jan. 2003, page 26 of 88
Read, Write and Erase Time-out Conditions
The times after which a time-out condition for read/write/erase operations occurs are (card independent) 10
times longer than the access/program times for these operations given below. A card shall complete the
command within this time period, or give up and return an error message. If the host does not get a
response within the defined time-out it should assume the card is not going to respond anymore and try to
recover (e.g. reset the card, power cycle, reject, etc.). The typical access and program times are defined as
follows:
Read
The read access time is defined as the sum of the two times given by the CSD parameters TAAC and
NSAC (refer to Table “Card Specific Data (CSD)”). These card parameters define the typical delay
between the end bit of the read command and the start bit of the data block. This number is card dependent
and should be used by the host to calculate throughput and the maximal frequency for stream read.
Write
The R2W_FACTOR field in the CSD is used to calculate the typical block program time obtained by
multiplying the read access time by this factor. It applies to all write/erase commands (e.g.
SET(CLEAR)_WRITE_PROTECT, PROGRAM_CSD(CID) and the block write commands). It should be
used by the host to calculate throughput and the maximal frequency for stream write.
Erase
The duration of an erase command will be (order of magnitude) the number of sectors to be erased
multiplied by the block write delay.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com