| Electronic Components Datasheet Search |
|
HB28D032MM2 Datasheet(PDF) 30 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
HB28D032MM2 Datasheet(HTML) 30 Page - Renesas Technology Corp |
|
30 / 90 page ![]() HB28H016/D032/B064/B128MM2 Rev.5.0, Jan. 2003, page 28 of 88 Block-Oriented Read Commands (class 2) CMD index Type Argument Resp Abbreviation Command description CMD16 ac [31:0] block length R1 SET_BLOCKLEN Selects a block length (in bytes) for all following block-oriented read commands and lock card command.* 1 CMD17 adtc [31:0] data address R1 READ_SINGLE_BL OCK Reads a block of the size selected by the SET_BLOCKLEN command.* 2 CMD18 adtc [31:0] data address R1 READ_MULTIPLE_ BLOCK Continuously send blocks of data until interrupted by a stop. Notes: 1. The default block length is as specified in the CSD. These Hitachi MultiMediaCards do not support partial block write, so the write block size defined by WRITE_BLK_LEN is parmanently assigned to the value 512 bytes. 2. The data transferred must not cross a physical block boundary unless READ_BLK_MISALIGN is set in the CSD. These Hitachi MultiMediaCards do not support read block operations with boundary crossing (READ_BLK_MISALIGN = ‘0’), so the data transferred must not cross a physical block boundary. Stream Write Command (class 3) CMD index Type Argument Resp Abbreviation Command description CMD20 adtc [31:0] data address R1 WRITE_DAT_ UNTIL_STOP Writes data stream from the host, starting at the given address, until a STOP_TRANSMISSION follows. Block-Oriented Read/Write Command (class 2/4) CMD index Type Argument Resp Abbreviation Command description CMD23 ac [31:16] set to 0 [15:0] number of blocks R1 SET_BLOCK_COU NT Defines the number of blocks which are going to be transferred in the immediately succeeding multiple block read or write command. |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |