Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

HB28D032MM2 Datasheet(PDF) 68 Page - Renesas Technology Corp

Part # HB28D032MM2
Description  MultiMediaCard 16 MByte/32 MByte/64 MByte/128 MByte
PDF  90 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HB28D032MM2 Datasheet(HTML) 68 Page - Renesas Technology Corp

Back Button HB28D032MM2 Datasheet HTML 64Page - Renesas Technology Corp HB28D032MM2 Datasheet HTML 65Page - Renesas Technology Corp HB28D032MM2 Datasheet HTML 66Page - Renesas Technology Corp HB28D032MM2 Datasheet HTML 67Page - Renesas Technology Corp HB28D032MM2 Datasheet HTML 68Page - Renesas Technology Corp HB28D032MM2 Datasheet HTML 69Page - Renesas Technology Corp HB28D032MM2 Datasheet HTML 70Page - Renesas Technology Corp HB28D032MM2 Datasheet HTML 71Page - Renesas Technology Corp HB28D032MM2 Datasheet HTML 72Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 68 / 90 page
background image
HB28H016/D032/B064/B128MM2
Rev.5.0, Jan. 2003, page 66 of 88
• Format R3
This response token is sent by the card when a READ_OCR command is received. The response length is
5 bytes (refer to Figure “R3 Response Format”). The structure of the first (MSB) byte is identical to
response type R1. The other four bytes contain the OCR register.
R1
OCR
0
32
0
0
31
39
R3 Response Format
• Data Response
Every data block written to the card will be acknowledged by a data response token. It is one byte long
and has the following format:
×× × 0 status 1
0
7
Data Response
The meaning of the status bits is defined as follows:
“010” - Data accepted.
“101” - Data rejected due to a CRC error.
“110” - Data rejected due to a Write error.
Data Tokens
Read and write commands have data transfers associated with them. Data is being transmitted or received
via data tokens. All data bytes are transmitted MSB first. Data tokens are 4 to 2051 bytes long and have
the following format:
• First byte: Start Byte
Token Type
Transaction Type
7
Bit Position
0
Start Block
Single Block Read
1
1
1
1
1
1
1
0
Start Block
Multiple Block Read
1
1
1
1
1
1
1
0
Start Block
Single Block Write
1
1
1
1
1
1
1
0
Start Block
Multiple Block Write
1
1
1
1
1
1
0
0
Stop Tran
Multiple Block Write
1
1
1
1
1
1
0
1
Format of the Start Data Block Tokens
• Bytes 2-2049 (depends on the data block length): User data
• Last two bytes: 16-bit CRC.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com