Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

STM32H7A3AII Datasheet(PDF) 126 Page - STMicroelectronics

Part # STM32H7A3AII
Description  32-bit Arm® Cortex®-M7 280 MHz MCUs, up to 2-Mbyte Flash memory, 1.4-Mbyte RAM, 46 com. and analog interfaces, SMPS
PDF  237 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32H7A3AII Datasheet(HTML) 126 Page - STMicroelectronics

Back Button STM32H7A3AII Datasheet HTML 122Page - STMicroelectronics STM32H7A3AII Datasheet HTML 123Page - STMicroelectronics STM32H7A3AII Datasheet HTML 124Page - STMicroelectronics STM32H7A3AII Datasheet HTML 125Page - STMicroelectronics STM32H7A3AII Datasheet HTML 126Page - STMicroelectronics STM32H7A3AII Datasheet HTML 127Page - STMicroelectronics STM32H7A3AII Datasheet HTML 128Page - STMicroelectronics STM32H7A3AII Datasheet HTML 129Page - STMicroelectronics STM32H7A3AII Datasheet HTML 130Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 126 / 237 page
background image
1. Guaranteed by characterization results.
Table 75. Asynchronous non-multiplexed SRAM/PSRAM/NOR write-NWAIT timings
NWAIT pulse width is equal to 1 AHB cycle.
Symbol
Parameter
Min(1)
Max(1)
Unit
tw(NE)
FMC_NE low time
8Tfmc_ker_ck − 1
8Tfmc_ker_ck + 1
ns
tw(NWE)
FMC_NWE low time
6Tfmc_ker_ck − 1
6Tfmc_ker_ck + 1
tsu(NWAIT_NE)
FMC_NWAIT valid before FMC_NEx high
5Tfmc_ker_ck + 13
-
th(NE_NWAIT)
FMC_NEx hold time after FMC_NWAIT invalid
4Tfmc_ker_ck+ 12
-
1. Guaranteed by characterization results.
Figure 38. Asynchronous multiplexed PSRAM/NOR read waveforms
NBL
Data
FMC_NBL[1:0]
FMC_AD[15:0]
tv(BL_NE)
th(Data_NE)
Address
FMC_A[25:16]
tv(A_NE)
FMC_NWE
tv(A_NE)
Address
FMC_NADV
tv(NADV_NE)
tw(NADV)
tsu(Data_NE)
th(AD_NADV)
FMC_NE
FMC_NOE
tw(NE)
tw(NOE)
tv(NOE_NE)
th(NE_NOE)
th(A_NOE)
th(BL_NOE)
tsu(Data_NOE)
th(Data_NOE)
FMC_NWAIT
tsu(NWAIT_NE)
th(NE_NWAIT)
Table 76. Asynchronous multiplexed PSRAM/NOR read timings
Symbol
Parameter
Min(1)
Max(1)
Unit
tw(NE)
FMC_NE low time
4Tfmc_ker_ck − 1
4Tfmc_ker_ck + 1
ns
STM32H7A3xI/G
Operating conditions
DS13195 - Rev 8
page 126/237



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com