Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

STM32H7A3AII Datasheet(PDF) 128 Page - STMicroelectronics

Part # STM32H7A3AII
Description  32-bit Arm® Cortex®-M7 280 MHz MCUs, up to 2-Mbyte Flash memory, 1.4-Mbyte RAM, 46 com. and analog interfaces, SMPS
PDF  237 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32H7A3AII Datasheet(HTML) 128 Page - STMicroelectronics

Back Button STM32H7A3AII Datasheet HTML 124Page - STMicroelectronics STM32H7A3AII Datasheet HTML 125Page - STMicroelectronics STM32H7A3AII Datasheet HTML 126Page - STMicroelectronics STM32H7A3AII Datasheet HTML 127Page - STMicroelectronics STM32H7A3AII Datasheet HTML 128Page - STMicroelectronics STM32H7A3AII Datasheet HTML 129Page - STMicroelectronics STM32H7A3AII Datasheet HTML 130Page - STMicroelectronics STM32H7A3AII Datasheet HTML 131Page - STMicroelectronics STM32H7A3AII Datasheet HTML 132Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 128 / 237 page
background image
Table 79. Asynchronous multiplexed PSRAM/NOR write - NWAIT timings
Symbol
Parameter
Min(1)
Max(1)
Unit
tw(NE)
FMC_NE low time
9Tfmc_ker_ck − 1
9Tfmc_ker_ck
ns
tw(NWE)
FMC_NWE low time
7Tfmc_ker_ck − 0.5
7Tfmc_ker_ck + 0.5
tsu(NWAIT_NE)
FMC_NWAIT valid before FMC_NEx high
5Tfmc_ker_ck + 9
-
th(NE_NWAIT)
FMC_NEx hold time after FMC_NWAIT invalid
4Tfmc_ker_ck + 12
-
1. Guaranteed by characterization results.
Synchronous waveforms and timings
Figure 39 through Figure 42 represent synchronous waveforms and Table 80 through Table 83 provide the
corresponding timings. The results shown in these tables are obtained with the following FMC configuration:
•
BurstAccessMode = FMC_BurstAccessMode_Enable
•
MemoryType = FMC_MemoryType_CRAM
•
WriteBurst = FMC_WriteBurst_Enable
•
CLKDivision = 1
•
DataLatency = 1 for NOR flash; DataLatency = 0 for PSRAM
In all timing tables, Tfmc_ker_ck is the kernel clock period, with the following FMC_CLK maximum values:
•
For 2.7 V < VDD < 3.6 V, FMC_CLK = 125 MHz at 20 pF
•
For 1.8 V < VDD < 1.9 V, FMC_CLK = 100 MHz at 20 pF
•
For 1.62 V < VDD<1.8 V, FMC_CLK = 100 MHz at 15 pF
STM32H7A3xI/G
Operating conditions
DS13195 - Rev 8
page 128/237



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com