Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

STM32H7A3AII Datasheet(PDF) 131 Page - STMicroelectronics

Part # STM32H7A3AII
Description  32-bit Arm® Cortex®-M7 280 MHz MCUs, up to 2-Mbyte Flash memory, 1.4-Mbyte RAM, 46 com. and analog interfaces, SMPS
PDF  237 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32H7A3AII Datasheet(HTML) 131 Page - STMicroelectronics

Back Button STM32H7A3AII Datasheet HTML 127Page - STMicroelectronics STM32H7A3AII Datasheet HTML 128Page - STMicroelectronics STM32H7A3AII Datasheet HTML 129Page - STMicroelectronics STM32H7A3AII Datasheet HTML 130Page - STMicroelectronics STM32H7A3AII Datasheet HTML 131Page - STMicroelectronics STM32H7A3AII Datasheet HTML 132Page - STMicroelectronics STM32H7A3AII Datasheet HTML 133Page - STMicroelectronics STM32H7A3AII Datasheet HTML 134Page - STMicroelectronics STM32H7A3AII Datasheet HTML 135Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 131 / 237 page
background image
Symbol
Parameter
Min(1)
Max(1)(2)
Unit
td(CLKL-NADVH)
ns
FMC_CLK low to FMC_NADV high
0
-
td(CLKL-AV)
FMC_CLK low to FMC_Ax valid
(x =16…25)
-
2
td(CLKH-AIV)
FMC_CLK high to FMC_Ax invalid
(x =16…25)
Tfmc_ker_ck +1.5
-
td(CLKL-NWEL)
FMC_CLK low to FMC_NWE low
-
1.5
t(CLKH-NWEH)
FMC_CLK high to FMC_NWE high
Tfmc_ker_ck +1
-
td(CLKL-ADV)
FMC_CLK low to to FMC_AD[15:0] valid
-
2.5
td(CLKL-ADIV)
FMC_CLK low to FMC_AD[15:0] invalid
0
-
td(CLKL-DATA)
FMC_A/D[15:0] valid data after FMC_CLK low
-
3
td(CLKL-NBLL)
FMC_CLK low to FMC_NBL low
-
2
td(CLKH-NBLH)
FMC_CLK high to FMC_NBL high
Tfmc_ker_ck +0.5
-
tsu(NWAIT-CLKH)
FMC_NWAIT valid before FMC_CLK high
2
-
th(CLKH-NWAIT)
FMC_NWAIT valid after FMC_CLK high
2
-
1. Guaranteed by characterization results.
2. At VOS1, these values are degraded by up to 5 %.
STM32H7A3xI/G
Operating conditions
DS13195 - Rev 8
page 131/237



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com