Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

STM32H7A3AII Datasheet(PDF) 147 Page - STMicroelectronics

Part # STM32H7A3AII
Description  32-bit Arm® Cortex®-M7 280 MHz MCUs, up to 2-Mbyte Flash memory, 1.4-Mbyte RAM, 46 com. and analog interfaces, SMPS
PDF  237 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32H7A3AII Datasheet(HTML) 147 Page - STMicroelectronics

Back Button STM32H7A3AII Datasheet HTML 143Page - STMicroelectronics STM32H7A3AII Datasheet HTML 144Page - STMicroelectronics STM32H7A3AII Datasheet HTML 145Page - STMicroelectronics STM32H7A3AII Datasheet HTML 146Page - STMicroelectronics STM32H7A3AII Datasheet HTML 147Page - STMicroelectronics STM32H7A3AII Datasheet HTML 148Page - STMicroelectronics STM32H7A3AII Datasheet HTML 149Page - STMicroelectronics STM32H7A3AII Datasheet HTML 150Page - STMicroelectronics STM32H7A3AII Datasheet HTML 151Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 147 / 237 page
background image
Resolution
RAIN (Ω)
Minimum sampling time (s)
Direct channels(1)(2)
Fast channels(1)(3)
Slow channels(1)(4)
8 bits
100
4.10E-08
5.83E-08
9.22E-08
150
5.06E-08
6.76E-08
9.95E-08
220
6.61E-08
8.22E-08
1.11E-07
330
9.17E-08
1.08E-07
1.32E-07
470
1.24E-07
1.40E-07
1.63E-07
680
1.74E-07
1.91E-07
2.12E-07
1000
2.53E-07
2.70E-07
2.85E-07
1500
3.73E-07
3.93E-07
4.05E-07
2200
5.39E-07
5.67E-07
5.75E-07
3300
8.02E-07
8.36E-07
8.38E-07
4700
1.13E-06
1.18E-06
1.18E-06
6800
1.62E-06
1.69E-06
1.68E-06
10000
2.36E-06
2.47E-06
2.45E-06
15000
3.50E-06
3.69E-06
3.65E-06
1. Guaranteed by design.
2. Direct channels are connected to analog I/Os (PA0_C, PA1_C, PC2_C and PC3_C) to optimize ADC performance.
3. Fast channels correspond for ADCx_INPx to PA6, PB1, PC4, PF11, PF13 and for ADCx_INNx to PA7, PB0, PC5, PF12, PF14
4. Slow channels correspond to all ADC inputs except for the Direct and Fast channels.
Figure 54. ADC conversion timing diagram
CLK
1. The sampling time defines the minimum sampling clock cycles (SMP) to be programmed in the ADC (refer to the product reference manual for details).
Sampling(1)
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
Mux
Number of CLK clock cycles = ADC resolution / 2
Total conversion time: 0.5 +Tsamp + N/2
SMP
1/2
Table 95. ADC accuracy
Data guaranteed by characterization for BGA packages. The values for LQFP packages might differ. ADC DC accuracy values are measured
after internal calibration.
Symbol
Parameter
Conditions(1)
Min
Typ
Max
Unit
ET
Total undadjusted error
Direct channel
Single ended
-
+10/–20
-
LSB
Differential
-
±15
-
Fast channel
Single ended
-
+10/–20
-
Differential
-
±15
-
Slow channel
Single ended
-
±10
-
Differential
-
±10
-
STM32H7A3xI/G
Operating conditions
DS13195 - Rev 8
page 147/237



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com