Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

STM32H7A3AII Datasheet(PDF) 151 Page - STMicroelectronics

Part # STM32H7A3AII
Description  32-bit Arm® Cortex®-M7 280 MHz MCUs, up to 2-Mbyte Flash memory, 1.4-Mbyte RAM, 46 com. and analog interfaces, SMPS
PDF  237 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32H7A3AII Datasheet(HTML) 151 Page - STMicroelectronics

Back Button STM32H7A3AII Datasheet HTML 147Page - STMicroelectronics STM32H7A3AII Datasheet HTML 148Page - STMicroelectronics STM32H7A3AII Datasheet HTML 149Page - STMicroelectronics STM32H7A3AII Datasheet HTML 150Page - STMicroelectronics STM32H7A3AII Datasheet HTML 151Page - STMicroelectronics STM32H7A3AII Datasheet HTML 152Page - STMicroelectronics STM32H7A3AII Datasheet HTML 153Page - STMicroelectronics STM32H7A3AII Datasheet HTML 154Page - STMicroelectronics STM32H7A3AII Datasheet HTML 155Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 151 / 237 page
background image
6.3.22
DAC characteristics
Table 96. DAC characteristics
Symbol
Parameter
Conditions
Min(1)
Typ(1)
Max(1)
Unit
VDDA
Analog supply voltage
-
1.8
3.3
3.6
V
VREF+
Positive reference voltage
-
1.80
-
VDDA
VREF-
Negative reference voltage
-
-
VSSA
-
RL
Resistive Load
DAC output buffer ON
connected to VSSA
5
-
-
kΩ
connected to VDDA
25
-
-
RO
Output Impedance
DAC output buffer OFF
10.3
13
16
RBON
Output impedance sample and hold
mode, output buffer ON
DAC output buffer ON
VDD = 2.7 V
-
-
1.6
kΩ
VDD = 2.0 V
-
-
2.6
RBOFF
Output impedance sample and hold
mode, output buffer OFF
DAC output buffer OFF
VDD = 2.7 V
-
-
17.8
kΩ
VDD = 2.0 V
-
-
18.7
CL
Capacitive Load
DAC output buffer OFF
-
-
50
pF
CSH
Sample and Hold mode
-
0.1
1
µF
VDAC_OUT
Voltage on DAC_OUT output
DAC output buffer ON
0.2
-
VDDA
−0.2
V
DAC output buffer OFF
0
-
VREF+
tSETTLING
Settling time (full scale: for a 12-bit
code transition between the lowest
and the highest input codes when
DAC_OUT reaches the final value
of ±0.5LSB, ±1LSB, ±2LSB, ±4LSB,
±8LSB)
Normal mode, DAC
output buffer ON,
CL ≤ 50 pF, RL ≥ 5 kΩ
±0.5 LSB
-
2.05
-
µs
±1 LSB
-
1.97
-
±2 LSB
-
1.67
-
±4 LSB
-
1.66
-
±8 LSB
-
1.65
-
Normal mode, DAC output buffer OFF, ±1LSB
CL=10 pF
-
1.7
2
tWAKEUP(2)
Wakeup time from off state (setting the
ENx bit in the DAC Control register)
until the final value of ±1LSB is
reached
Normal mode, DAC output buffer ON,
CL ≤ 50 pF, RL = 5 kΩ
-
5
7.5
µs
Normal mode, DAC output buffer OFF,
CL ≤ 10 pF
-
2
5
PSRR
DC VDDA supply rejection ratio
Normal mode, DAC output buffer ON,
CL ≤ 50 pF, RL = 5 kΩ
-
−80
−28
dB
tSAMP
Sampling time in Sample and Hold
mode
CL=100 nF
(code transition between the lowest
input code and the highest input code
when DAC_OUT reaches the ±1LSB
final value)
MODE<2:0>_V12=100/101
(BUFFER ON)
-
0.7
2.6
ms
MODE<2:0>_V12=110
(BUFFER OFF)
-
11.5
18.7
MODE<2:0>_V12=111(3)
(INTERNAL BUFFER OFF)
-
0.3
0.6
µs
Ileak
Output leakage current
-
-
-
(4)
nA
CIint
Internal sample and hold capacitor
-
1.8
2.2
2.6
pF
tTRIM
Middle code offset trim time
Minimum time to verify the each code
50
-
-
µs
Voffset
Middle code offset for 1 trim code step
VREF+ = 3.6 V
-
850
-
µV
VREF+ = 1.8 V
-
425
-
STM32H7A3xI/G
Operating conditions
DS13195 - Rev 8
page 151/237



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com