Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

STM32H7A3AII Datasheet(PDF) 153 Page - STMicroelectronics

Part # STM32H7A3AII
Description  32-bit Arm® Cortex®-M7 280 MHz MCUs, up to 2-Mbyte Flash memory, 1.4-Mbyte RAM, 46 com. and analog interfaces, SMPS
PDF  237 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32H7A3AII Datasheet(HTML) 153 Page - STMicroelectronics

Back Button STM32H7A3AII Datasheet HTML 149Page - STMicroelectronics STM32H7A3AII Datasheet HTML 150Page - STMicroelectronics STM32H7A3AII Datasheet HTML 151Page - STMicroelectronics STM32H7A3AII Datasheet HTML 152Page - STMicroelectronics STM32H7A3AII Datasheet HTML 153Page - STMicroelectronics STM32H7A3AII Datasheet HTML 154Page - STMicroelectronics STM32H7A3AII Datasheet HTML 155Page - STMicroelectronics STM32H7A3AII Datasheet HTML 156Page - STMicroelectronics STM32H7A3AII Datasheet HTML 157Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 153 / 237 page
background image
Symbol
Parameter
Conditions
Min(1) Typ(1) Max(1) Unit
THD
Total harmonic distorsion(6)
DAC output buffer ON CL ≤ 50pF, RL ≥ 5kΩ, 1 kHz
-
−78,6
-
dB
DAC output buffer OFF CL ≤ 50pF, no RL, 1 kHz
-
−78,6
-
SINAD
Signal-to-noise and distorsion ratio(6)
DAC output buffer ON CL ≤ 50pF, RL ≥ 5kΩ, 1 kHz
-
67.5
-
dB
DAC output buffer OFF CL ≤ 50pF, no RL, 1 kHz
-
67.5
-
ENOB
Effective number of bits
DAC output buffer ON CL ≤ 50pF, RL ≥ 5kΩ, 1 kHz
-
10.9
-
dB
DAC output buffer OFF CL ≤ 50pF, no RL, 1 kHz
-
10.9
-
1. Guaranteed by design, unless otherwise specified.
2. Difference between two consecutive codes minus 1 LSB.
3. Difference between the value measured at Code i and the value measured at Code i on a line drawn between Code 0 and last Code 4095.
4. Difference between the value measured at Code (0x001) and the ideal value.
5. Difference between the ideal slope of the transfer function and the measured slope computed from code 0x000 and 0xFFF when the buffer
is OFF, and from code giving 0.2 V and (VREF+ − 0.2 V) when the buffer is ON.
6. Signal is −0.5dBFS with Fsampling = 1 MHz.
Figure 59. 12-bit buffered /non-buffered DAC
R L
C L
Buffered/Non-buffered DAC
DAC_OUTx
Buffer(1)
12-bit
digital to
analog
converter
1.
The DAC integrates an output buffer that can be used to reduce the output impedance and to drive external
loads directly without the use of an external operational amplifier. The buffer can be bypassed by configuring
the BOFFx bit in the DAC_CR register.
6.3.23
Voltage reference buffer characteristics
Table 98. VREFBUF characteristics
Symbol
Parameter
Conditions
Min(1)
Typ(1)
Max(1)
Unit
VDDA
Analog supply voltage
Normal mode
VSCALE = 000
2.8
3.3
3.6
V
VSCALE = 001
2.4
-
3.6
VSCALE = 010
2.1
-
3.6
VSCALE = 011
1.8
-
3.6
Degraded mode(2)
VSCALE = 000
1.62
-
2.80
VSCALE = 001
1.62
-
2.40
VSCALE = 010
1.62
-
2.10
VSCALE = 011
1.62
-
1.80
STM32H7A3xI/G
Operating conditions
DS13195 - Rev 8
page 153/237



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com