Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

STM32H7A3AII Datasheet(PDF) 157 Page - STMicroelectronics

Part # STM32H7A3AII
Description  32-bit Arm® Cortex®-M7 280 MHz MCUs, up to 2-Mbyte Flash memory, 1.4-Mbyte RAM, 46 com. and analog interfaces, SMPS
PDF  237 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32H7A3AII Datasheet(HTML) 157 Page - STMicroelectronics

Back Button STM32H7A3AII Datasheet HTML 153Page - STMicroelectronics STM32H7A3AII Datasheet HTML 154Page - STMicroelectronics STM32H7A3AII Datasheet HTML 155Page - STMicroelectronics STM32H7A3AII Datasheet HTML 156Page - STMicroelectronics STM32H7A3AII Datasheet HTML 157Page - STMicroelectronics STM32H7A3AII Datasheet HTML 158Page - STMicroelectronics STM32H7A3AII Datasheet HTML 159Page - STMicroelectronics STM32H7A3AII Datasheet HTML 160Page - STMicroelectronics STM32H7A3AII Datasheet HTML 161Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 157 / 237 page
background image
Symbol
Parameter
Conditions
Min(1) Typ(1) Max(1) Unit
IDDA(SCALER) Scaler static consumption from VDDA
BRG_EN=0 (bridge disable)
-
0.2
0.3
µA
BRG_EN=1 (bridge enable)
-
0.8
1
tSTART_SCALER Scaler startup time
-
-
140
250
µs
tSTART
Comparator startup time to reach propagation
delay specification
High-speed mode
-
2
5
µs
Medium mode
-
5
20
Ultra-low-power mode
-
15
80
tD(3)
Propagation delay for 200 mV step with
100 mV overdrive
High-speed mode
-
50
80
ns
Medium mode
-
0.5
0.9
µs
Ultra-low-power mode
-
2.5
7
Propagation delay for step > 200 mV with
100 mV overdrive only on positive inputs
High-speed mode
-
50
120
ns
Medium mode
-
0.5
1.2
µs
Ultra-low-power mode
-
2.5
7
Voffset
Comparator offset error
Full common mode range
-
±5
±20
mV
Vhys
Comparator hysteresis
No hysteresis
-
0
-
mV
Low hysteresis
4
10
22
Medium hysteresis
8
20
37
High hysteresis
16
30
52
IDDA(COMP)
Comparator consumption from VDDA
Ultra-low-power mode
Static
-
400
600
nA
With 50 kHz ±100 mV
overdrive square signal
-
800
-
Medium mode
Static
-
5
7
µA
With 50 kHz ±100 mV
overdrive square signal
-
6
-
High-speed mode
Static
-
70
100
With 50 kHz ±100 mV
overdrive square signal
-
75
-
1. Guaranteed by design, unless otherwise specified.
2. Refer to Section 6.3.6 Embedded reference voltage.
3. Guaranteed by characterization results.
6.3.29
Operational amplifier characteristics
Table 107. Operational amplifier characteristics
Symbol
Parameter
Conditions
Min(1)
Typ(1)
Max(1)
Unit
VDDA
Analog supply voltage Range
-
2
3.3
3.6
V
CMIR
Common Mode Input Range
-
0
-
VDDA
VIOFFSET
Input offset voltage
25°C, no load on output
-
-
±1.5
mV
All voltages and temperature, no load
-
-
±2.5
ΔVIOFFSET
Input offset voltage drift
-
-
±3.0
-
μV/°C
TRIMOFFSETP,
TRIMLPOFFSETP
Offset trim step at low
common input voltage
(0.1*VDDA)
-
-
1.1
1.5
mV
STM32H7A3xI/G
Operating conditions
DS13195 - Rev 8
page 157/237



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com