Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

STM32H7A3AII Datasheet(PDF) 175 Page - STMicroelectronics

Part # STM32H7A3AII
Description  32-bit Arm® Cortex®-M7 280 MHz MCUs, up to 2-Mbyte Flash memory, 1.4-Mbyte RAM, 46 com. and analog interfaces, SMPS
PDF  237 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32H7A3AII Datasheet(HTML) 175 Page - STMicroelectronics

Back Button STM32H7A3AII Datasheet HTML 171Page - STMicroelectronics STM32H7A3AII Datasheet HTML 172Page - STMicroelectronics STM32H7A3AII Datasheet HTML 173Page - STMicroelectronics STM32H7A3AII Datasheet HTML 174Page - STMicroelectronics STM32H7A3AII Datasheet HTML 175Page - STMicroelectronics STM32H7A3AII Datasheet HTML 176Page - STMicroelectronics STM32H7A3AII Datasheet HTML 177Page - STMicroelectronics STM32H7A3AII Datasheet HTML 178Page - STMicroelectronics STM32H7A3AII Datasheet HTML 179Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 175 / 237 page
background image
6.3.36.5
SAI characteristics
Unless otherwise specified, the parameters given in Table 120 for SAI are derived from tests performed under
the ambient temperature, fPCLKx frequency and VDD supply voltage conditions summarized in Table 22. General
operating conditions and Section 6.3.1 , with the following configuration:
•
Output speed is set to OSPEEDRy[1:0] = 10
•
Capacitive load CL = 30 pF
•
IO Compensation cell activated.
•
Measurement points are done at CMOS levels: 0.5VDD
•
VOS level set to VOS0
Note:
At VOS1, the performance can be degraded by up to 5 % compared to VOS0. This is indicated by a footnote
when applicable.
Refer to Section 6.3.16 I/O port characteristics for more details on the input/output alternate function
characteristics (SCK,SD,WS).
Table 120. SAI characteristics
Symbol
Parameter
Conditions
Min(1) Max(1)(2) Unit
fMCK
SAI Main clock output
-
-
50
MHz
fCK
SAI clock frequency
Master transmitter, 2.7 ≤ VDD ≤ 3.6 V
-
34
Master transmitter, 1.62 ≤ VDD ≤ 3.6 V
-
27
Master receiver, 1.6 ≤ VDD ≤ 3.6 V
-
27
Slave transmitter, 2.7 ≤ VDD ≤ 3.6 V
-
37
Slave transmitter, 1.62 ≤ VDD ≤ 3.6 V
-
30
Slave receiver, 1.62 ≤ VDD≤ 3.6 V
-
50
tv(FS)
FS valid time
Master mode,2.7 ≤ VDD ≤ 3.6 V
-
14.5
ns
Master mode, 1.62 ≤ VDD ≤ 3.6 V
-
18.5
tsu(FS)
FS setup time
Slave mode
8
-
th(FS)
FS hold time
Master mode
1
-
FS hold time
Slave mode
2
-
tsu(SD_A_MR)
Data input setup time
Master receiver
0.5
-
tsu(SD_B_SR)
Slave receiver
1
-
th(SD_A_MR)
Data input hold time
Master receiver
5.5
-
th(SD_B_SR)
Slave receiver
3
-
tv(SD_B_ST)
Data output valid time
Slave transmitter (after enable edge), 2.7 ≤ VDD ≤ 3.6 V
-
13.5
Slave transmitter (after enable edge), 1.62 ≤ VDD ≤ 3.6 V
-
16.5
th(SD_B_ST)
Data output hold time
Slave transmitter (after enable edge)
8
-
tv(SD_A_MT)
Data output valid time
Master transmitter (after enable edge), 2.7 ≤ VDD ≤ 3.6 V
-
14
Master transmitter (after enable edge), 1.62 ≤ VDD ≤ 3.6 V
-
18
th(SD_A_MT)
Data output hold time
Master transmitter (after enable edge)
7.5
-
1. Guaranteed by characterization results.
2. At VOS1, these values are degraded by up to 5 %.
3. APB clock frequency must be at least twice SAI clock frequency.
STM32H7A3xI/G
Operating conditions
DS13195 - Rev 8
page 175/237



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com