Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

STM32H7A3AII Datasheet(PDF) 178 Page - STMicroelectronics

Part # STM32H7A3AII
Description  32-bit Arm® Cortex®-M7 280 MHz MCUs, up to 2-Mbyte Flash memory, 1.4-Mbyte RAM, 46 com. and analog interfaces, SMPS
PDF  237 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32H7A3AII Datasheet(HTML) 178 Page - STMicroelectronics

Back Button STM32H7A3AII Datasheet HTML 174Page - STMicroelectronics STM32H7A3AII Datasheet HTML 175Page - STMicroelectronics STM32H7A3AII Datasheet HTML 176Page - STMicroelectronics STM32H7A3AII Datasheet HTML 177Page - STMicroelectronics STM32H7A3AII Datasheet HTML 178Page - STMicroelectronics STM32H7A3AII Datasheet HTML 179Page - STMicroelectronics STM32H7A3AII Datasheet HTML 180Page - STMicroelectronics STM32H7A3AII Datasheet HTML 181Page - STMicroelectronics STM32H7A3AII Datasheet HTML 182Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 178 / 237 page
background image
Symbol
Parameter
Conditions
Min(1)
Typ(1)
Max(1)(2)
Unit
tISU
Input setup time HS
-
2.5
-
-
ns
tIH
Input hold time HS
-
0.5
-
-
tIDW(3)
Input valid window (variable window)
-
3.0
-
-
-
CMD, D outputs (referenced to CK) in eMMC legacy/SDR/DDR and SD HS/SDR/DDR mode
tOV
Output valid time HS
-
-
6
6.5
ns
tOH
Output hold time HS
-
5
-
-
CMD, D inputs (referenced to CK) in SD default mode
tISUD
Input setup time SD
-
2.5
-
-
ns
tIHD
Input hold time SD
-
0.5
-
-
CMD, D outputs (referenced to CK) in SD default mode
tOVD
Output valid default time SD
-
-
1
1.5
ns
tOHD
Output hold default time SD
-
0
-
-
1. Guaranteed by characterization results.
2. At VOS1, these values are degraded by up to 5 %.
3. The minimum window of time where the data needs to be stable for proper sampling in tuning mode.
Table 123. Dynamics characteristics: eMMC characteristics VDD=1.71V to 1.9V
Above 100 MHz, CL = 20 pF.
Symbol
Parameter
Conditions
Min(1)
Typ(1)
Ma(1)(2)
Unit
fPP
Clock frequency in data transfer mode
-
0
-
85
MHz
tW(CKL)
Clock low time
fPP =52 MHz
8.5
9.5
-
ns
tW(CKH)
Clock high time
fPP =52 MHz
8.5
9.5
-
CMD, D inputs (referenced to CK) in eMMC mode
tISU
Input setup time HS
-
2.5
-
-
ns
tIH
Input hold time HS
-
0.5
-
-
tIDW(3)
Input valid window (variable window)
-
3.5
-
-
CMD, D outputs (referenced to CK) in eMMC mode
tOVD
Output valid time HS
-
-
6
6.5
ns
tOHD
Output hold time HS
-
5.5
-
-
1. Guaranteed by characterization results.
2. At VOS1, these values are degraded by up to 5 %.
3. The minimum window of time where the data needs to be stable for proper sampling in tuning mode.
STM32H7A3xI/G
Operating conditions
DS13195 - Rev 8
page 178/237



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com