Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

STM32H7A3AII Datasheet(PDF) 203 Page - STMicroelectronics

Part # STM32H7A3AII
Description  32-bit Arm® Cortex®-M7 280 MHz MCUs, up to 2-Mbyte Flash memory, 1.4-Mbyte RAM, 46 com. and analog interfaces, SMPS
PDF  237 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32H7A3AII Datasheet(HTML) 203 Page - STMicroelectronics

Back Button STM32H7A3AII Datasheet HTML 199Page - STMicroelectronics STM32H7A3AII Datasheet HTML 200Page - STMicroelectronics STM32H7A3AII Datasheet HTML 201Page - STMicroelectronics STM32H7A3AII Datasheet HTML 202Page - STMicroelectronics STM32H7A3AII Datasheet HTML 203Page - STMicroelectronics STM32H7A3AII Datasheet HTML 204Page - STMicroelectronics STM32H7A3AII Datasheet HTML 205Page - STMicroelectronics STM32H7A3AII Datasheet HTML 206Page - STMicroelectronics STM32H7A3AII Datasheet HTML 207Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 203 / 237 page
background image
7.6
LQFP176 package information
This LQFP is a 176-pin, 24 x 24 mm, 0.5 mm pitch, low profile quad flat package.
Note:
See list of notes in the notes section.
Figure 97. LQFP176 - Outline(15.)
SECTION A-A
BOTTOM VIEW
SIDE VIEW
TOP VIEW
SECTION B-B
θ
1
θ
2
S
(L1)
L
B
θ
0.25
B
R2
R1
c
b
WITH PLATING
BASE METAL
b1
c1
GAUGE PLANE
H
bbb H A-B D
4x
E1/4
D1/4
4x N/4 TIPS
aaa C A-B D
D
D1
N
D
SECTION A-A
(See SECTION B-B)
A
A
E1/4
D1/4
E1 E
A
B
ddd
C A-BD
b
ccc C
C
A
(N-4) x e
A1
A2
0.05
1T_LQFP176_ME_V1
θ3
Package LQFP176 (package code 1T)
STM32H7A3xI/G
LQFP176 package information
DS13195 - Rev 8
page 203/237



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com