Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

STM32H7A3AII Datasheet(PDF) 204 Page - STMicroelectronics

Part # STM32H7A3AII
Description  32-bit Arm® Cortex®-M7 280 MHz MCUs, up to 2-Mbyte Flash memory, 1.4-Mbyte RAM, 46 com. and analog interfaces, SMPS
PDF  237 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32H7A3AII Datasheet(HTML) 204 Page - STMicroelectronics

Back Button STM32H7A3AII Datasheet HTML 200Page - STMicroelectronics STM32H7A3AII Datasheet HTML 201Page - STMicroelectronics STM32H7A3AII Datasheet HTML 202Page - STMicroelectronics STM32H7A3AII Datasheet HTML 203Page - STMicroelectronics STM32H7A3AII Datasheet HTML 204Page - STMicroelectronics STM32H7A3AII Datasheet HTML 205Page - STMicroelectronics STM32H7A3AII Datasheet HTML 206Page - STMicroelectronics STM32H7A3AII Datasheet HTML 207Page - STMicroelectronics STM32H7A3AII Datasheet HTML 208Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 204 / 237 page
background image
Table 135. LQFP176 - Mechanical data
Symbol
millimeters
inches(14.)
Min
Typ
Max
Min
Typ
Max
A
-
-
1.600
-
-
0.0630
A1(12.)
0.050
-
0.150
0.0020
-
0.0059
A2
1.350
1.400
1.450
0.0531
0.0551
0.0571
b(9.)(11.)
0.170
0.220
0.270
0.0067
0.0087
0.0106
b1(11.)
0.170
0.200
0.230
0.0067
0.0079
0.0091
c(11.)
0.090
-
0.200
0.0035
-
0.0079
c1(11.)
0.090
-
0.160
0.0035
-
0.063
D(4.)
26.000
1.0236
D1(2.)(5.)
24.000
0.9449
E(4.)
26.000
0.0197
E1(2.)(5.)
24.000
0.9449
e
0.500
0.1970
L
0.450
0.600
0.750
0.0177
0.0236
0.0295
L1(1.)(11.)
1 REF
0.0394 REF
N(13.)
176
θ
0°
3.5°
7°
0°
3.5°
7°
θ1
0°
-
-
0°
-
-
θ2
10°
12°
14°
10°
12°
14°
θ3
10°
12°
14°
10°
12°
14°
R1
0.080
-
-
0.0031
-
-
R2
0.080
-
0.200
0.0031
-
0.0079
S
0.200
-
-
0.0079
-
-
aaa(1.)
0.200
0.0079
bbb(1.)
0.200
0.0079
ccc(1.)
0.080
0.0031
ddd(1.)
0.080
0.0031
STM32H7A3xI/G
LQFP176 package information
DS13195 - Rev 8
page 204/237



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com