Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

CQ2 Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # CQ2
Description  Compact Cylinder
PDF  208 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

CQ2 Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  CQ2 Datasheet HTML 1Page - List of Unclassifed Manufacturers CQ2 Datasheet HTML 2Page - List of Unclassifed Manufacturers CQ2 Datasheet HTML 3Page - List of Unclassifed Manufacturers CQ2 Datasheet HTML 4Page - List of Unclassifed Manufacturers CQ2 Datasheet HTML 5Page - List of Unclassifed Manufacturers CQ2 Datasheet HTML 6Page - List of Unclassifed Manufacturers CQ2 Datasheet HTML 7Page - List of Unclassifed Manufacturers CQ2 Datasheet HTML 8Page - List of Unclassifed Manufacturers CQ2 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 208 page
background image
Lighter
weight
Small
auto
switch
Existing model
Reduced by
5 to 13%
(Compared with SMC
CQ2 series)
Optimum operating range
2-color indication solid state auto switch
Appropriate setting of the mounting position can be performed without mistakes.
D-P3DW
D-M9
„A(V)
D-M9
„W(V)
Even if 2-color indication solid state auto switches are fixed at the optimum operating range (the green light lights up), the operation may
become unstable depending on the installation environment or magnetic field disturbance. (Magnetic body, external magnetic field, proximal
installation of cylinders with built-in magnet and actuators, temperature change, other factors for magnetic force fluctuation during operation, etc.)
NEW
Compact Cylinder
Series
CQ2
Reduction of CO2 discharge by
1300 t by less use of aluminum
The body strength (kinetic energy, allowable load, withstand
pressure, etc.) is the same as the existing product.
Contribution to
environment and ecology
Weight
(Stroke
50 mm, built-in magnet, female thread and with
rubber bumper)
( ): With male thread
(g)
Bore size – Stroke
CQ2
ø40-50 st
456(483)
483(527)
Existing model
CQ2
NEW
Operating
range
OFF
ON
Red
Green
Red
A
green light lights up
at the optimum operating range.
Water resistant type
For general
environments
Magnetic field resistant type
For environments exposed to water
and coolant
For use with AC spot welders, which generate
strong magnetic field
NEW
Features 1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com