Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

CQ2 Datasheet(PDF) 46 Page - List of Unclassifed Manufacturers

Part # CQ2
Description  Compact Cylinder
PDF  208 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

CQ2 Datasheet(HTML) 46 Page - List of Unclassifed Manufacturers

Back Button CQ2 Datasheet HTML 42Page - List of Unclassifed Manufacturers CQ2 Datasheet HTML 43Page - List of Unclassifed Manufacturers CQ2 Datasheet HTML 44Page - List of Unclassifed Manufacturers CQ2 Datasheet HTML 45Page - List of Unclassifed Manufacturers CQ2 Datasheet HTML 46Page - List of Unclassifed Manufacturers CQ2 Datasheet HTML 47Page - List of Unclassifed Manufacturers CQ2 Datasheet HTML 48Page - List of Unclassifed Manufacturers CQ2 Datasheet HTML 49Page - List of Unclassifed Manufacturers CQ2 Datasheet HTML 50Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 208 page
background image
∗
Seal kit includes !4. Order
the seal kit, based on
each bore size.
12
16
20
25
32
40
50
Contents
How to
Order
Single acting/Spring return
CQ2B12-S-PS
CQ2B16-S-PS
CQ2B20-S-PS
CQ2B25-S-PS
CQ2B32-S-PS
CQ2B40-S-PS
CQ2B50-S-PS
Kits includes item !4 from the above table.
Single acting/Spring extend
CQ2B12-T-PS
CQ2B16-T-PS
CQ2B20-T-PS
CQ2B25-T-PS
CQ2B32-T-PS
CQ2B40-T-PS
CQ2B50-T-PS
Kits include items !4, !5, !6 from the above table.
Replacement Parts/Seal Kit
Bore size
(mm)
∗
Seal kit includes !4, !5, !6.
Order the seal kit, based on
each bore size.
∗
Since the seal kit does not include a grease pack, order it separately.
Grease pack part no.: GR-S-010 (10 g)
Construction
Spring return
Spring extend
With boss on head end
Rod end male thread
Built-in one-touch fittings
Port size
M5 x 0.8
∗
Component Parts
No.
1
2
3
4
5
6
7
8
9
10
11
12
13
Description
Cylinder tube
Piston
Piston rod
Collar
Retaining ring
Bushing
Return spring
Bronze element
Retaining ring
Plug with fixed orifice
Rod end nut
Centering location ring
One-touch fitting
Note
Hard anodized
Chromated
ø12 to ø25
ø32 to ø50, Hard chrome plated
ø12 to ø40, Anodized
ø50, Chromated, Painted
Phosphate coated
ø50
Zinc chromated
Port size Rc1/8, 1/4
Port size M5 x 0.8
Nickel plated
ø20 to ø50, Anodized
ø32 to ø50
∗
On spring extend (Type T), piston and piston rod are integrated (stainless steel).
(Except ø12 and ø16 of built-in magnet type)
Replacement Parts
No.
14
15
16
Description
Piston seal
Rod seal
Gasket
Material
NBR
NBR
NBR
Note
ø
12, ø16, ø20, ø25, ø32
ø
40, ø50
Bore size
Stroke
20
C
„Q2B
S
T
Copper and
fluorine-free series
For preventing the influence of copper ions or halogen ions
during CRT manufacturing processes, copper and fluorine
materials are not used in the component parts.
(M)Z
Copper and Fluorine-free Series (For CRT Manufacturing Process)
Specifications
Bore size (mm)
Action
Proof pressure
Max. operating pressure
Rubber bumper
Piping
Piston speed
Mounting
Auto switch
Single acting, Single rod
1.5 MPa
1.0 MPa
None
Pipe thread
50 to 500 mm/s
Through-hole
Mountable
12
16
20
25
32
40
50
42
Series
CQ2
Compact Cylinder: Standard
Single Acting, Single Rod
Material
Aluminum alloy
Aluminum alloy
Stainless steel
Carbon steel
Aluminum alloy
Aluminum alloy casted
Carbon tool steel
Bearing alloy
Piano wire
Sintered metallic BC
Carbon tool steel
Alloy steel
Carbon steel
Aluminum alloy
—



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com