Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

CQ2 Datasheet(PDF) 49 Page - List of Unclassifed Manufacturers

Part # CQ2
Description  Compact Cylinder
PDF  208 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

CQ2 Datasheet(HTML) 49 Page - List of Unclassifed Manufacturers

Back Button CQ2 Datasheet HTML 45Page - List of Unclassifed Manufacturers CQ2 Datasheet HTML 46Page - List of Unclassifed Manufacturers CQ2 Datasheet HTML 47Page - List of Unclassifed Manufacturers CQ2 Datasheet HTML 48Page - List of Unclassifed Manufacturers CQ2 Datasheet HTML 49Page - List of Unclassifed Manufacturers CQ2 Datasheet HTML 50Page - List of Unclassifed Manufacturers CQ2 Datasheet HTML 51Page - List of Unclassifed Manufacturers CQ2 Datasheet HTML 52Page - List of Unclassifed Manufacturers CQ2 Datasheet HTML 53Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 208 page
background image
H1
C1
X
L1
MM
øI
K
M
E
R
R
F
LB
A
G
H thread effective
depth
C
8 x ø
O counterbore
4 x ø
N through
O1 thread
(Port size)
M5 x 0.8
Width across flat
B1
12
16
20
25
O1
M4 x 0.7
M4 x 0.7
M6 x 1.0
M6 x 1.0
R
7
7
10
10
12
16
20
25
B1
8
10
13
17
X
10.5
12
14
17.5
L1
14
15.5
18.5
22.5
C1
9
10
12
15
H1
4
5
5
6
MM
M5 x 0.8
M6 x 1.0
M8 x 1.25
M10 x 1.25
(mm)
12
16
20
25
5
10
5
10
5
10
5
10
C
6
8
7
12
B
22
27
23.5
28.5
24.5
29.5
27.5
32.5
A
25.5
30.5
27
32
29
34
32.5
37.5
D
6
8
10
12
E
25
29
36
40
F
5
5.5
5.5
5.5
H
M3 x 0.5
M4 x 0.7
M5 x 0.8
M6 x 1.0
I
32
38
47
52
K
5
6
8
10
L
3.5
3.5
4.5
5
M
15.5
20
25.5
28
N
3.5
3.5
5.5
5.5
O
6.5 depth 3.5
6.5 depth 3.5
9 depth 7
9 depth 7
Z
—
10
10
10
(mm)
ø
12 to ø25/Spring Return Without Auto Switch
Dimensions
Standard (Through-hole):
CQ2B
Both ends tapped:
CQ2A
Bore size
(mm)
Both Ends
Tapped
(mm)
With boss on head end
Bore size
(mm)
12
16
20
25
1.5
1.5
2
2
G
Th9
15
20
13
15
0
–0.043
0
–0.052
0
–0.043
0
–0.043
Note) With boss on rod end: Option
(Suffix “-XC36” to the end of
model number.)
With Boss on
Head End
(mm)
Rod end male thread
Rod End Male Thread
Bore size
(mm)
Standard
Bore size
(mm)
Stroke
(mm)
∗
For details about the rod end nut and accessory brackets, refer to page 19.
45
Series
CQ2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com