Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

CQ2 Datasheet(PDF) 10 Page - List of Unclassifed Manufacturers

Part # CQ2
Description  Compact Cylinder
PDF  208 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

CQ2 Datasheet(HTML) 10 Page - List of Unclassifed Manufacturers

Back Button CQ2 Datasheet HTML 6Page - List of Unclassifed Manufacturers CQ2 Datasheet HTML 7Page - List of Unclassifed Manufacturers CQ2 Datasheet HTML 8Page - List of Unclassifed Manufacturers CQ2 Datasheet HTML 9Page - List of Unclassifed Manufacturers CQ2 Datasheet HTML 10Page - List of Unclassifed Manufacturers CQ2 Datasheet HTML 11Page - List of Unclassifed Manufacturers CQ2 Datasheet HTML 12Page - List of Unclassifed Manufacturers CQ2 Datasheet HTML 13Page - List of Unclassifed Manufacturers CQ2 Datasheet HTML 14Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 208 page
background image
12
16
20
25
32
40
50
63
80
100
Bore
size
(mm)
5
5
9
15
24
45
64
—
—
—
—
10
6
11
18
28
52
72
117
153
270
487
15
7
13
21
33
60
80
129
165
289
515
20
8
15
24
37
68
88
141
177
308
543
25
10
17
27
42
76
96
153
190
327
570
30
11
19
31
46
84
104
166
202
347
598
35
—
—
34
51
92
112
178
214
366
625
40
—
—
37
55
100
119
190
226
385
653
45
—
—
40
60
107
127
202
239
404
681
50
—
—
44
64
115
135
214
251
423
708
75
—
—
—
—
170
190
300
337
557
901
100
—
—
—
—
209
229
361
398
653
1038
(g)
Mass of Cylinder Movable Parts/Without Built-in Magnet
Cylinder stroke (mm)
12
16
20
25
32
40
50
63
80
100
Bore
size
(mm)
5
8
16
28
44
78
109
—
—
—
—
10
9
18
31
48
86
117
187
254
433
741
15
10
20
34
53
93
125
199
266
453
768
20
11
22
37
57
101
133
211
278
472
796
25
12
24
40
62
109
140
223
290
491
823
30
13
26
44
66
117
148
236
303
510
851
35
—
—
47
71
125
156
248
315
530
879
40
—
—
50
75
133
164
260
327
549
906
45
—
—
53
80
140
172
272
339
568
934
50
—
—
56
84
148
180
285
352
587
962
75
—
—
—
—
187
219
346
413
683
1099
100
—
—
—
—
227
258
407
474
778
1236
(g)
Mass of Cylinder Movable Parts/With Built-in Magnet
(g)
Additional Mass of Cylinder Movable Parts
Cylinder stroke (mm)
Bore size (mm)
12
1.5
1
0
16
3
2
0
20
6
4
–2
25
12
8
–3
32
26
17
–3
40
27
17
–7
50
53
32
–9
63
53
32
–18
80
120
49
–31
100
175
116
–56
Bore size (mm)
12
0.022
0.043
16
0.038
0.075
20
0.055
0.110
25
0.09
0.18
32
0.15
0.29
40
0.26
0.52
50
0.46
0.91
63
0.77
1.54
80
1.36
2.71
100
2.27
4.54
(J)
Standard/
Allowable kinetic
energy: Ea
With rubber bumper/
Allowable kinetic
energy: Eb
W
(Mounting orientation:
Horizontal)
If an allowable lateral load at rod end is
exceeding the value in the graph, we
recommend anti-lateral load type cylinder
be used.
Cylinder stroke (mm)
100
50
40
30
20
10
5.0
4.0
3.0
2.0
1.0
0.5
0
50
100
ø100
ø80
ø63
ø50
ø40
ø32
Cylinder stroke (mm)
ø100
ø80
ø63
ø50
ø40
ø32
200
100
50
40
30
20
10
5.0
4.0
3.0
2.0
1.0
0
50
100
12
16
20
25
32
40
50
63
80
100
Bore size
(mm)
Operating
direction
IN
OUT
IN
OUT
IN
OUT
IN
OUT
IN
OUT
IN
OUT
IN
OUT
IN
OUT
IN
OUT
IN
OUT
0.3
25
34
45
60
71
94
113
147
181
241
317
377
495
589
841
935
1360
1510
2140
2360
0.5
42
57
75
101
118
157
189
245
302
402
528
628
825
982
1400
1560
2270
2510
3570
3930
0.7
59
79
106
141
165
220
264
344
422
563
739
880
1150
1370
1960
2180
3170
3520
5000
5500
Operating pressure (MPa)
(N)
ø25
ø20
ø16
ø12
ø25
ø20
ø16
ø12
With Auto Switch
Allowable Kinetic Energy
Load Mass and Piston Speed
Kinetic energy E (J) =
m1: Mass of cylinder movable parts
kg
m2: Load mass
kg
V: Piston speed
m/s
(m1+m2) V
2
2
Rod end
male
thread
With rubber bumper
Male thread
Nut
Calculation: (Example)
CDQ2B32-20DCMZ
• Basic mass:
CDQ2B32-20DZ
• Additional mass: Rod end male thread
With rubber bumper
101 g
43 g
–3 g
141 g
Allowable Lateral Load at Rod End
Without Auto Switch
Theoretical Output
4
Series
CQ2
Compact Cylinder: Standard
Double Acting, Single Rod



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com