Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

CQ2 Datasheet(PDF) 88 Page - List of Unclassifed Manufacturers

Part # CQ2
Description  Compact Cylinder
PDF  208 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

CQ2 Datasheet(HTML) 88 Page - List of Unclassifed Manufacturers

Back Button CQ2 Datasheet HTML 84Page - List of Unclassifed Manufacturers CQ2 Datasheet HTML 85Page - List of Unclassifed Manufacturers CQ2 Datasheet HTML 86Page - List of Unclassifed Manufacturers CQ2 Datasheet HTML 87Page - List of Unclassifed Manufacturers CQ2 Datasheet HTML 88Page - List of Unclassifed Manufacturers CQ2 Datasheet HTML 89Page - List of Unclassifed Manufacturers CQ2 Datasheet HTML 90Page - List of Unclassifed Manufacturers CQ2 Datasheet HTML 91Page - List of Unclassifed Manufacturers CQ2 Datasheet HTML 92Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 88 / 208 page
background image
3.5
5.5
7
3.5
(øD)
F
øD
Q
G
L
øI
E
M
G
L1
X
C1
MM
H1
A + Stroke
B + Stroke
(Port size)
2 x M5 x 0.8
H thread effective depth C
2 x ø
N through
Width across flat
B1
12
16
20
25
B1
8
10
13
17
X
10.5
12
14
17.5
MM
M5 x 0.8
M6 x 1.0
M8 x 1.25
M10 x 1.25
C1
9
10
12
15
H1
4
5
5
6
L1
14
15.5
18.5
22.5
(mm)
12
16
20
25
5 to 30
5 to 30
5 to 50
5 to 50
A
25.5
27
32
35.5
B
22
23.5
27.5
30.5
C
6
8
7
12
D
6
8
10
12
E
25
29
36
40
F
5
5.5
5.5
5.5
G
1.5
1.5
2
2
H
M3 x 0.5
M4 x 0.7
M5 x 0.8
M6 x 1.0
L
3.5
3.5
4.5
5
K
5.2
6
8
10
I
32
38
47
52
M
15.5
20
25.5
28
N
3.5
3.5
5.5
5.5
Q
12.5
13
17
19
Th9
(mm)
15
20
13
15
ø
12 to ø25/Without Auto Switch
Standard (Through-hole):
CQ2KB
Dimensions
ø12, ø16
ø20, ø25
With boss on head end
Rod end male thread
Piston rod
cross section
Bore size
(mm)
12
16
20
25
G
1.5
1.5
2
2
Th9
15
20
13
15
0
–0.043
0
–0.052
0
–0.043
0
–0.043
With Boss on
Head End
(mm)
Rod End Male Thread
Bore size
(mm)
Standard
Bore size
(mm)
Stroke range
(mm)
0
–0.043
0
–0.052
0
–0.043
0
–0.043
∗
For details about the rod end nut and accessory brackets, refer to page 19.
85
Series
CQ2K



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com