Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

CQ2 Datasheet(PDF) 13 Page - List of Unclassifed Manufacturers

Part # CQ2
Description  Compact Cylinder
PDF  208 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

CQ2 Datasheet(HTML) 13 Page - List of Unclassifed Manufacturers

Back Button CQ2 Datasheet HTML 9Page - List of Unclassifed Manufacturers CQ2 Datasheet HTML 10Page - List of Unclassifed Manufacturers CQ2 Datasheet HTML 11Page - List of Unclassifed Manufacturers CQ2 Datasheet HTML 12Page - List of Unclassifed Manufacturers CQ2 Datasheet HTML 13Page - List of Unclassifed Manufacturers CQ2 Datasheet HTML 14Page - List of Unclassifed Manufacturers CQ2 Datasheet HTML 15Page - List of Unclassifed Manufacturers CQ2 Datasheet HTML 16Page - List of Unclassifed Manufacturers CQ2 Datasheet HTML 17Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 208 page
background image
Clean Series
ø
12, ø16, ø20, ø25, ø32
ø
40, ø50, ø63, ø80, ø100
Clean series
10
11
Relief type
Vacuum type
Applicable for using inside the clean room graded Class 100 by making an actuator’s rod section a double seal
construction and discharging by relief port directly to the outside of clean room.
10
Bore size
Stroke
C
„Q2B
D(M)Z
Specifications
Bore size (mm)
Action
Proof pressure
Maximum operating pressure
Cushion
Piston speed
Mounting
Double acting, Single rod
1.5 MPa
1.0 MPa
None Note)
30 to 400 mm/s
Through-hole
Note) ø12 with auto switch: With rubber bumper (Standard)
30 to 300 mm/s
12
16
20
25
32
40
50
63
80
100
For details, refer to the separate catalog (CAT.E02-23), “Pneumatics Equipment for Clean Room.”
10-CQ2 series
(Double seal)
11-CQ2 series
(Single seal, Vacuum suction)
Construction
A relief port is provided in the area between the double rod seals to
discharge the exhaust air outside of the clean room. Thus, the
amount of dust generated has been reduced to 1/20 of that of an or-
dinary cylinder.
Structurally identical to the “10-” series, the outer rod seal has been
removed to evacuate through the vacuum port. This draws out any ex-
ternal air from the clearance between the rod and the cover to practi-
cally eliminate the generation of external dust. This should be used in
an application that requires an even higher level of cleanliness than
the 10- series.
Vacuum port
(Vacuum suction)
Relief port
Bushing
Rod seal
Bushing
Rod seal
7
Series
CQ2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com