Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

CQ2 Datasheet(PDF) 33 Page - List of Unclassifed Manufacturers

Part # CQ2
Description  Compact Cylinder
PDF  208 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

CQ2 Datasheet(HTML) 33 Page - List of Unclassifed Manufacturers

Back Button CQ2 Datasheet HTML 29Page - List of Unclassifed Manufacturers CQ2 Datasheet HTML 30Page - List of Unclassifed Manufacturers CQ2 Datasheet HTML 31Page - List of Unclassifed Manufacturers CQ2 Datasheet HTML 32Page - List of Unclassifed Manufacturers CQ2 Datasheet HTML 33Page - List of Unclassifed Manufacturers CQ2 Datasheet HTML 34Page - List of Unclassifed Manufacturers CQ2 Datasheet HTML 35Page - List of Unclassifed Manufacturers CQ2 Datasheet HTML 36Page - List of Unclassifed Manufacturers CQ2 Datasheet HTML 37Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 208 page
background image
Cylinder model
C
6.1
7.5
9
8
40
45
50
55
60
65
45
50
55
60
65
70
45
50
55
60
65
70
75
80
85
90
45
50
55
60
65
70
75
80
85
90
Mounting bolt part no.
CDQ2WB12-5DCZ
-10DCZ
-15DCZ
-20DCZ
-25DCZ
-30DCZ
CDQ2WB16-5DZ
-10DZ
-15DZ
-20DZ
-25DZ
-30DZ
CDQ2WB20-5DZ
-10DZ
-15DZ
-20DZ
-25DZ
-30DZ
-35DZ
-40DZ
-45DZ
-50DZ
CDQ2WB25-5DZ
-10DZ
-15DZ
-20DZ
-25DZ
-30DZ
-35DZ
-40DZ
-45DZ
-50DZ
CQ-M3 x 40L
x 45L
x 50L
x 55L
x 60L
x 65L
CQ-M3 x 45L
x 50L
x 55L
x 60L
x 65L
x 70L
CQ-M5 x 45L
x 50L
x 55L
x 60L
x 65L
x 70L
x 75L
x 80L
x 85L
x 90L
CQ-M5 x 45L
x 50L
x 55L
x 60L
x 65L
x 70L
x 75L
x 80L
x 85L
x 90L
D
Cylinder model
C
Mounting bolt part no.
D
Cylinder model
C
Mounting bolt part no.
D
6.5
7
12.5
45
50
55
60
65
70
75
80
85
90
115
140
55
60
65
70
75
80
85
90
95
100
125
150
65
70
75
80
85
90
95
100
105
130
155
CDQ2WB32-5DZ
-10DZ
-15DZ
-20DZ
-25DZ
-30DZ
-35DZ
-40DZ
-45DZ
-50DZ
-75DZ
-100DZ
CDQ2WB40-5DZ
-10DZ
-15DZ
-20DZ
-25DZ
-30DZ
-35DZ
-40DZ
-45DZ
-50DZ
-75DZ
-100DZ
CDQ2WB50-10DZ
-15DZ
-20DZ
-25DZ
-30DZ
-35DZ
-40DZ
-45DZ
-50DZ
-75DZ
-100DZ
CQ-M5 x 45L
x 50L
x 55L
x 60L
x 65L
x 70L
x 75L
x 80L
x 85L
x 90L
x 115L
x 140L
CQ-M5 x 55L
x 60L
x 65L
x 70L
x 75L
x 80L
x 85L
x 90L
x 95L
x 100L
x 125L
x 150L
CQ-M6 x 65L
x 70L
x 75L
x 80L
x 85L
x 90L
x 95L
x 100L
x 105L
x 130L
x 155L
13.5
12.5
13
65
70
75
80
85
90
95
100
105
130
155
70
75
80
85
90
95
100
105
110
135
160
80
85
90
95
100
105
110
115
120
145
170
CDQ2WB63-10DZ
-15DZ
-20DZ
-25DZ
-30DZ
-35DZ
-40DZ
-45DZ
-50DZ
-75DZ
-100DZ
CDQ2WB80-10DZ
-15DZ
-20DZ
-25DZ
-30DZ
-35DZ
-40DZ
-45DZ
-50DZ
-75DZ
-100DZ
CDQ2WB100-10DZ
-15DZ
-20DZ
-25DZ
-30DZ
-35DZ
-40DZ
-45DZ
-50DZ
-75DZ
-100DZ
CQ-M8 x 65L
x 70L
x 75L
x 80L
x 85L
x 90L
x 95L
x 100L
x 105L
x 130L
x 155L
CQ-M10 x 70L
x 75L
x 80L
x 85L
x 90L
x 95L
x 100L
x 105L
x 110L
x 135L
x 160L
CQ-M10 x 80L
x 85L
x 90L
x 95L
x 100L
x 105L
x 110L
x 115L
x 120L
x 145L
x 170L
Mounting Bolt for CDQ2WB/With Auto Switch
Mounting method: Mounting bolt for through-hole mounting of
the CDQ2WB is available as an option. Refer to the following for
ordering procedures. Order the actual number of bolts that will be
used.
Example) CQ-M3x40L 2 pcs.
Material: Chromium molybdenum steel
Surface treatment: Nickel plated
Mounting bolt
28
Series
CQ2W
Compact Cylinder: Standard
Double Acting, Double Rod



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com