Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

CQ2 Datasheet(PDF) 67 Page - List of Unclassifed Manufacturers

Part # CQ2
Description  Compact Cylinder
PDF  208 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

CQ2 Datasheet(HTML) 67 Page - List of Unclassifed Manufacturers

Back Button CQ2 Datasheet HTML 63Page - List of Unclassifed Manufacturers CQ2 Datasheet HTML 64Page - List of Unclassifed Manufacturers CQ2 Datasheet HTML 65Page - List of Unclassifed Manufacturers CQ2 Datasheet HTML 66Page - List of Unclassifed Manufacturers CQ2 Datasheet HTML 67Page - List of Unclassifed Manufacturers CQ2 Datasheet HTML 68Page - List of Unclassifed Manufacturers CQ2 Datasheet HTML 69Page - List of Unclassifed Manufacturers CQ2 Datasheet HTML 70Page - List of Unclassifed Manufacturers CQ2 Datasheet HTML 71Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 67 / 208 page
background image
CQ2WB
Bore size
125
140
160
180
200
125 mm
140 mm
160 mm
180 mm
200 mm
125
125
30
30
DC
Applicable Auto Switches/Refer to pages 1263 to 1371 in Best Pneumatics No. 2 for further information on auto switches.
CDQ2WB
DC
Z
Z M9BW
Rc
NPT
G
Port thread type
Nil
TN
TF
Made to Order
Refer to the next page for details.
—
M9NV
M9PV
M9BV
M9NWV
M9PWV
M9BWV
M9NAV
∗∗
M9PAV
∗∗
M9BAV
∗∗
M9N
M9P
M9B
M9NW
M9PW
M9BW
M9NA
∗∗
M9PA
∗∗
M9BA
∗∗
—
—
—
A96V
A93V
A90V
A96
A93
A90
How to Order
Compact Cylinder: Large Bore Size
Double Acting, Double Rod
Series
CQ2W
ø125, ø140, ø160, ø180, ø200
With auto switch
(Built-in magnet)
Type
W Double rod
Mounting
B
Through-hole/Both ends tapped common (Standard)
∗ Cylinder mounting bolts are not included. Order them separately
referring to
“Mounting Bolt for CQ2WB” on page 66.
Cylinder stroke (mm)
Refer to the next page
for standard strokes.
Built-in Magnet Cylinder Model
If a built-in magnet cylinder without an auto
switch is required, there is no need to enter
the symbol for the auto switch.
(Example) CDQ2WB140-30DCZ
Number of auto switches
Nil
S
n
2 pcs.
1 pc.
“n” pcs.
Auto switch
Nil
Without auto switch
∗ Refer to the below table for
applicable auto switches.
Auto switch mounting groove
Z
ø125 to ø200
4 surfaces
Body option
Nil
M
Standard (Rod end female thread)
Rod end male thread
Cushion
C
Rubber bumper
Action
D
Double acting
Type
Special function
Electrical
entry
Wiring
(Output)
Load voltage
DC
AC
Lead wire length (m)
0.5
(Nil)
3
(L)
5
(Z)
None
(N)
Applicable load
Pre-wired
connector
1
(M)
Auto switch model
Perpendicular
In-line
Yes
Grommet
3-wire (NPN)
3-wire (PNP)
2-wire
3-wire (NPN)
3-wire (PNP)
2-wire
3-wire (NPN)
3-wire (PNP)
2-wire
No
Yes
Grommet
3-wire
(NPN equivalent)
2-wire
Diagnostic indication
(2-color indication)
Water resistant
(2-color indication)
24 V
5 V,
12 V
12 V
5 V,
12 V
12 V
5 V,
12 V
12 V
24 V
5 V
12 V
5 V, 12 V
—
100 V
100 V or less
∗ ∗
Water resistant type auto switches can be mounted on the above models, but in such case SMC cannot guarantee water resistance.
Consult with SMC regarding water resistant types with the above model numbers.
∗
Lead wire length symbols: 0.5 m ······· Nil
(Example) M9NW
1 m ········· M
(Example) M9NWM
3 m ········· L
(Example) M9NWL
5 m ········· Z
(Example) M9NWZ
∗
Solid state auto switches marked with “ ” are produced upon receipt of order.
∗
There are other applicable auto switches other than the listed above. For details, refer to page 175.
∗
For details about auto switches with pre-wired connector, refer to pages 1328 and 1329 in Best Pneumatics No. 2.
Relay,
PLC
IC circuit
—
IC circuit
—
IC circuit
—
Relay,
PLC
—
IC circuit
—
IC circuit
With auto switch
Without auto switch
63



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com