Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

CQ2 Datasheet(PDF) 21 Page - List of Unclassifed Manufacturers

Part # CQ2
Description  Compact Cylinder
PDF  208 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

CQ2 Datasheet(HTML) 21 Page - List of Unclassifed Manufacturers

Back Button CQ2 Datasheet HTML 17Page - List of Unclassifed Manufacturers CQ2 Datasheet HTML 18Page - List of Unclassifed Manufacturers CQ2 Datasheet HTML 19Page - List of Unclassifed Manufacturers CQ2 Datasheet HTML 20Page - List of Unclassifed Manufacturers CQ2 Datasheet HTML 21Page - List of Unclassifed Manufacturers CQ2 Datasheet HTML 22Page - List of Unclassifed Manufacturers CQ2 Datasheet HTML 23Page - List of Unclassifed Manufacturers CQ2 Datasheet HTML 24Page - List of Unclassifed Manufacturers CQ2 Datasheet HTML 25Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 208 page
background image
H1
R
R
J
W
F
Q
L
E
M
K
W1
V
2
C1
X
L1
MM
B + Stroke
A + Stroke
Minimum lead wire bending radius 10
Auto switch
2 x
P (Rc, NPT, G)
(Port size)
O1 thread
4 x ø
N through
8 x ø
O counterbore
H thread effective
depth
C
Width across flat
B1
2 x
P1
(Piping tube O.D.)
Standard For auto switch proper mounting position and its mounting height, refer to pages 169 to 175.
(mm)
32
40
50
32
40
50
5
10 to 50
75, 100
5 to 50
75, 100
10 to 50
75, 100
A
30
40
36.5
46.5
38.5
48.5
B
23
33
29.5
39.5
30.5
40.5
F
5.5
7.5
8
10.5
Q
11.5
10.5
11
10.5
A
40
46.5
48.5
B
33
39.5
40.5
C
13
13
15
Q
10.5
11
10.5
F
7.5
8
10.5
D
16
16
20
E
45
52
64
J
4.5
5
7
H
M8 x 1.25
M8 x 1.25
M10 x 1.5
P
1/8
1/8
1/4
P
M5 x 0.8
1/8
1/8
1/4
K
14
14
17
L
7
7
8
M
34
40
50
N
5.5
5.5
6.6
W
49.5
57
71
Z
14
15
19
Dimensions
(In the case of without auto switches, the A, B, F, P and Q dimensions will be
only changed. Refer to the dimension table.)
ø
32 to ø50/With Auto Switch
R
10
10
14
Both Ends
Tapped
Bore size
(mm)
32
40
50
O1
M6 x 1.0
M6 x 1.0
M8 x 1.25
(mm)
(mm)
With Boss on
Head End
Bore size
(mm)
32
40
50
Th9
21
0
–0.052
28
0
–0.052
35
0
–0.062
Note 1) With boss on rod end: Option
(Suffix “-XC36” to the end of
model number.)
Rod End Male Thread
Bore size
(mm)
32
40
50
C1
20.5
20.5
26
H1
8
8
11
B1
22
22
27
L1
28.5
28.5
33.5
MM
M14 x 1.5
M14 x 1.5
M18 x 1.5
X
23.5
23.5
28.5
Bore size
(mm)
32
40
50
Z1
13
13
16
P1
6
6
8
V
36.5
40.5
50
W1
59
66
82
Built-in One-touch
Fittings
(mm)
(mm)
Bore size
(mm)
Bore size
(mm)
Stroke range
(mm)
O
9 depth 7
9 depth 7
11 depth 8
Without auto switch
With auto switch
Note 2) The external dimensions with rubber bumper are same as those of the standard, as shown above.
∗
For details about the rod end nut and accessory brackets, refer to page 19.
Note 3) For calculation on the longitudinal dimension of intermediate strokes, refer to page 3. The spacer-
installed type (Standard, -XB10A) and the exclusive body type (-XB10) are available.
Standard (Through-hole):
CQ2B/CDQ2B
Both ends tapped:
CQ2A/CDQ2A
Built-in one-touch fittings:
ø32 to ø50
Rod end male thread
With boss on
head end
15
Series
CQ2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com