Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

CQ2 Datasheet(PDF) 11 Page - List of Unclassifed Manufacturers

Part # CQ2
Description  Compact Cylinder
PDF  208 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

CQ2 Datasheet(HTML) 11 Page - List of Unclassifed Manufacturers

Back Button CQ2 Datasheet HTML 7Page - List of Unclassifed Manufacturers CQ2 Datasheet HTML 8Page - List of Unclassifed Manufacturers CQ2 Datasheet HTML 9Page - List of Unclassifed Manufacturers CQ2 Datasheet HTML 10Page - List of Unclassifed Manufacturers CQ2 Datasheet HTML 11Page - List of Unclassifed Manufacturers CQ2 Datasheet HTML 12Page - List of Unclassifed Manufacturers CQ2 Datasheet HTML 13Page - List of Unclassifed Manufacturers CQ2 Datasheet HTML 14Page - List of Unclassifed Manufacturers CQ2 Datasheet HTML 15Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 208 page
background image
12
16
20
25
32
40
50
63
80
100
Bore size
(mm)
5
10
15
20
25
30
35
40
45
50
75
100
29
42
63
86
125
187
—
—
—
—
35
50
75
100
145
208
339
480
916
1608
41
59
88
115
165
230
372
518
976
1688
47
67
101
129
184
251
405
556
1036
1768
54
76
114
144
204
273
438
594
1097
1849
60
84
127
158
224
294
471
632
1157
1929
—
—
140
173
244
315
504
670
1217
2010
—
—
152
187
263
337
537
708
1277
2090
—
—
165
202
283
358
570
746
1338
2170
—
—
178
216
303
380
603
784
1398
2251
—
—
—
—
448
552
872
1112
1917
2982
—
—
—
—
547
664
1043
1308
2215
3391
(g)
Weight
(g)
Additional Weight
Cylinder stroke (mm)
Bore size (mm)
Both ends tapped
With boss on head end
With rubber bumper
Built-in one-touch fittings
Foot (Including mounting bolts)
Rod flange (Including mounting bolts)
Head flange (Including mounting bolts)
Double clevis (Including pin, retaining rings, bolts)
Rod end
male thread
Male thread
Nut
12 16 20 25 32 40 50 63 80 100
2
1.5
1
0.7
0
—
55
57
54
32
2
3
2
1.3
0
—
67
69
65
39
6
6
4
2
–2
—
164
139
133
88
6
12
8
3
–3
—
186
161
152
123
6
26
17
5
–3
12
142
180
165
151
6
27
17
7
–7
12
154
214
198
196
6
53
32
13
–9
21
243
373
348
393
19
53
32
25
–18
21
317
559
534
554
45
120
49
45
–31
—
683
1056
1017
1109
45
175
116
96
–56
—
1052
1365
1309
1887
Cylinder model
C
6.5
5
7.5
9.5
D
25
30
35
40
45
50
25
30
35
40
45
50
25
30
35
40
45
50
55
60
65
70
30
35
40
45
50
55
60
65
70
75
30
35
40
45
50
55
60
65
70
75
90
95
100
105
110
115
120
125
130
135
CQ-M3 x 25L
x 30L
x 35L
x 40L
x 45L
x 50L
CQ-M3 x 25L
x 30L
x 35L
x 40L
x 45L
x 50L
CQ-M5 x 25L
x 30L
x 35L
x 40L
x 45L
x 50L
x 55L
x 60L
x 65L
x 70L
CQ-M5 x 30L
x 35L
x 40L
x 45L
x 50L
x 55L
x 60L
x 65L
x 70L
x 75L
CQ-M5 x 30L
x 35L
x 40L
x 45L
x 50L
x 55L
x 60L
x 65L
x 70L
x 75L
x 90L
x 95L
x 100L
x 105L
x 110L
x 115L
x 120L
x 125L
x 130L
x 135L
Mounting bolt part no.
Mounting bolt part no.
Mounting bolt part no.
CQ2B12-5D
-10D
-15D
-20D
-25D
-30D
CQ2B16-5D
-10D
-15D
-20D
-25D
-30D
CQ2B20-5D
-10D
-15D
-20D
-25D
-30D
-35D
-40D
-45D
-50D
CQ2B25-5D
-10D
-15D
-20D
-25D
-30D
-35D
-40D
-45D
-50D
CQ2B32-5DZ
-10DZ
-15DZ
-20DZ
-25DZ
-30DZ
-35DZ
-40DZ
-45DZ
-50DZ
-55DZ-XB10
-60DZ-XB10
-65DZ-XB10
-70DZ-XB10
-75DZ
-80DZ-XB10
-85DZ-XB10
-90DZ-XB10
-95DZ-XB10
-100DZ
Cylinder model
C
14.5
15
15.5
D
55
60
65
70
75
80
85
90
95
110
115
120
125
130
135
140
145
150
155
65
70
75
80
85
90
95
100
105
120
125
130
135
140
145
150
155
160
165
CQ-M10 x 55L
x 60L
x 65L
x 70L
x 75L
x 80L
x 85L
x 90L
x 95L
x 110L
x 115L
x 120L
x 125L
x 130L
x 135L
x 140L
x 145L
x 150L
x 155L
CQ-M10 x 65L
x 70L
x 75L
x 80L
x 85L
x 90L
x 95L
x 100L
x 105L
x 120L
x 125L
x 130L
x 135L
x 140L
x 145L
x 150L
x 155L
x 160L
x 165L
CQ2B80-10DZ
-15DZ
-20DZ
-25DZ
-30DZ
-35DZ
-40DZ
-45DZ
-50DZ
-55DZ-XB10
-60DZ-XB10
-65DZ-XB10
-70DZ-XB10
-75DZ
-80DZ-XB10
-85DZ-XB10
-90DZ-XB10
-95DZ-XB10
-100DZ
CQ2B100-10DZ
-15DZ
-20DZ
-25DZ
-30DZ
-35DZ
-40DZ
-45DZ
-50DZ
-55DZ-XB10
-60DZ-XB10
-65DZ-XB10
-70DZ-XB10
-75DZ
-80DZ-XB10
-85DZ-XB10
-90DZ-XB10
-95DZ-XB10
-100DZ
Cylinder model
C
9
7.5
12.5
D
35
40
45
50
55
60
65
70
75
80
95
100
105
110
115
120
125
130
135
140
45
50
55
60
65
70
75
80
85
100
105
110
115
120
125
130
135
140
145
50
55
60
65
70
75
80
85
90
105
110
115
120
125
130
135
140
145
150
CQ-M5 x 35L
x 40L
x 45L
x 50L
x 55L
x 60L
x 65L
x 70L
x 75L
x 80L
x 95L
x 100L
x 105L
x 110L
x 115L
x 120L
x 125L
x 130L
x 135L
x 140L
CQ-M6 x 45L
x 50L
x 55L
x 60L
x 65L
x 70L
x 75L
x 80L
x 85L
x 100L
x 105L
x 110L
x 115L
x 120L
x 125L
x 130L
x 135L
x 140L
x 145L
CQ-M8 x 50L
x 55L
x 60L
x 65L
x 70L
x 75L
x 80L
x 85L
x 90L
x 105L
x 110L
x 115L
x 120L
x 125L
x 130L
x 135L
x 140L
x 145L
x 150L
CQ2B40-5DZ
-10DZ
-15DZ
-20DZ
-25DZ
-30DZ
-35DZ
-40DZ
-45DZ
-50DZ
-55DZ-XB10
-60DZ-XB10
-65DZ-XB10
-70DZ-XB10
-75DZ
-80DZ-XB10
-85DZ-XB10
-90DZ-XB10
-95DZ-XB10
-100DZ
CQ2B50-10DZ
-15DZ
-20DZ
-25DZ
-30DZ
-35DZ
-40DZ
-45DZ
-50DZ
-55DZ-XB10
-60DZ-XB10
-65DZ-XB10
-70DZ-XB10
-75DZ
-80DZ-XB10
-85DZ-XB10
-90DZ-XB10
-95DZ-XB10
-100DZ
CQ2B63-10DZ
-15DZ
-20DZ
-25DZ
-30DZ
-35DZ
-40DZ
-45DZ
-50DZ
-55DZ-XB10
-60DZ-XB10
-65DZ-XB10
-70DZ-XB10
-75DZ
-80DZ-XB10
-85DZ-XB10
-90DZ-XB10
-95DZ-XB10
-100DZ
Mounting method: Mounting bolt for through-hole mounting of the CQ2B is
available as an option. Refer to the following for ordering procedures.
Order the actual number of bolts that will be used.
Example) CQ-M3x25L 4 pcs.
Material: Chromium molybdenum steel
Surface treatment: Nickel plated
Weight
Mounting Bolt for CQ2B/Without Auto Switch
Mounting bolt
Calculation: (Example)
CQ2D32-20DCMZ
• Basic weight:
CQ2B32-20DZ
• Additional weight: Both ends tapped
Rod end male thread
With rubber bumper
Double clevis
184 g
6 g
43 g
–3 g
151 g
381 g
5
Series
CQ2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com