Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

CQ2 Datasheet(PDF) 7 Page - List of Unclassifed Manufacturers

Part # CQ2
Description  Compact Cylinder
PDF  208 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

CQ2 Datasheet(HTML) 7 Page - List of Unclassifed Manufacturers

Back Button CQ2 Datasheet HTML 3Page - List of Unclassifed Manufacturers CQ2 Datasheet HTML 4Page - List of Unclassifed Manufacturers CQ2 Datasheet HTML 5Page - List of Unclassifed Manufacturers CQ2 Datasheet HTML 6Page - List of Unclassifed Manufacturers CQ2 Datasheet HTML 7Page - List of Unclassifed Manufacturers CQ2 Datasheet HTML 8Page - List of Unclassifed Manufacturers CQ2 Datasheet HTML 9Page - List of Unclassifed Manufacturers CQ2 Datasheet HTML 10Page - List of Unclassifed Manufacturers CQ2 Datasheet HTML 11Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 208 page
background image
∗ ∗
Water resistant type auto switches can be mounted on the above models, but in such case SMC cannot guarantee water resistance.
If water resistance is needed, we recommend water resistant cylinders be used. (Page 156)
24 V
5 V,
12 V
12 V
5 V,
12 V
12 V
5 V,
12 V
12 V
—
—
—
—
100 V
100 V or less
24 V
5 V
12 V
5 V,12 V
—
—
A96V
A93V
A90V
A96
A93
A90
M9NV
M9PV
M9BV
M9NWV
M9PWV
M9BWV
M9NAV
∗∗
M9PAV
∗∗
M9BAV
∗∗
—
M9N
M9P
M9B
M9NW
M9PW
M9BW
M9NA
∗∗
M9PA
∗∗
M9BA
∗∗
P3DW
30
30
32
32
With auto switch
(Built-in magnet)
CQ2 B
B
CDQ2
Cylinder stroke (mm)
D
D
M9BW
Bore size
12
16
20
25
32
40
50
63
80
100
12 mm
16 mm
20 mm
25 mm
32 mm
40 mm
50 mm
63 mm
80 mm
100 mm
Made to Order
Refer to the next page for details.
30
20
CQ2 B
D
Z
Z
Applicable Auto Switches/
Refer to pages 1263 to 1371 in Best Pneumatics No. 2 for further information on auto switches.
Refer to the individual catalog (ES20-201) for the D-P3DW type.
Refer to the next page and
page 3 for standard strokes
and intermediate strokes.
Relay,
PLC
—
Relay,
PLC
IC circuit
—
IC circuit
IC circuit
—
IC circuit
—
IC circuit
—
Type
Special function
Electrical
entry
Wiring
(Output)
Load voltage
DC
AC
Lead wire length (m)
0.5
(Nil)
1
(M)
3
(L)
5
(Z)
None
(N)
Applicable load
Pre-wired
connector
Auto switch model
Perpendicular
In-line
Yes
Grommet
3-wire (NPN)
3-wire (PNP)
2-wire
3-wire (NPN)
3-wire (PNP)
2-wire
3-wire (NPN)
3-wire (PNP)
2-wire
2-wire (Non-polar)
Diagnostic indication
(2-color indication)
Water resistant
(2-color indication)
Magnetic field resistant
(2-color indication)
No
Yes
Grommet
3-wire
(NPN equivalent)
2-wire
∗
Lead wire length symbols: 0.5 m ······· Nil
(Example) M9NW
1 m ········· M
(Example) M9NWM
3 m ········· L
(Example) M9NWL
5 m ········· Z
(Example) M9NWZ
∗
Solid state auto switches marked with “ ” are produced upon receipt of order.
∗
The D-P3DW
„ type is available from ø32 to ø100 only.
∗
There are other applicable auto switches other than the listed above. For details, refer to page 175.
∗
For details about auto switches with pre-wired connector, refer to pages 1328 and 1329 in Best Pneumatics No. 2.
Compact Cylinder: Standard
Double Acting, Single Rod
Series
CQ2
ø12, ø16, ø20, ø25, ø32, ø40, ø50, ø63, ø80, ø100
How to Order
With auto switch
Without auto switch
ø12 to ø25
Without auto switch
ø32 to ø100
Through-hole (Standard)
Both ends tapped
Foot
B
A
L
Rod flange
Head flange
Double clevis
F
G
D
Mounting
∗ Mounting brackets are shipped together, (but not assembled).
∗ Cylinder mounting bolts are not included. Order them
separately referring to
“Mounting Bolt for C(D)Q2B” on pages
5 and 10.
Type
Nil
H
Pneumatic
Air-hydro Note 1)
Note 1) Bore sizes available for air-
hydro type are ø20 to ø100.
Built-in one-touch fittings Note 2 )
Note 2) Bore sizes available with one-touch fittings
are ø32 to ø63. Besides, it is not possible to
use for air-hydro type.
Note 3) “TF” is not available for air-hydro type.
∗ For cylinders without auto switch, M threads are
compatible only for ø32-5 mm stroke.
M thread
Rc
NPT
G
ø12 to ø25
ø32 to ø100
Port thread type
Nil
TN
TF
F
Note 5) The made-to-order, heat
resistant auto switch -XB14
is not applicable.
Auto switch mounting groove
Z
ø12 to ø25
ø32 to ø100
2 surfaces
4 surfaces
Auto switch
∗ Refer to the below table for
applicable auto switches.
Nil
Without auto switch
Number of
auto switches
Nil
S
n
2 pcs.
1 pc.
“n” pcs.
Body option
Nil
F
C
M
Standard (Rod end female thread)
With boss on head end
With rubber bumper Note 4)
Rod end male thread
∗ Combination of body options (“CM”, “FC”,
“FM”, “FCM”) is available.
Note 4) Air-hydro type with rubber bumper
is not available.
Action
D
Double acting
Built-in Magnet Cylinder Model
If a built-in magnet cylinder without an auto
switch is required, there is no need to enter
the symbol for the auto switch.
(Example) CDQ2L32-25DZ
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com