Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

CQ2 Datasheet(PDF) 48 Page - List of Unclassifed Manufacturers

Part # CQ2
Description  Compact Cylinder
PDF  208 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

CQ2 Datasheet(HTML) 48 Page - List of Unclassifed Manufacturers

Back Button CQ2 Datasheet HTML 44Page - List of Unclassifed Manufacturers CQ2 Datasheet HTML 45Page - List of Unclassifed Manufacturers CQ2 Datasheet HTML 46Page - List of Unclassifed Manufacturers CQ2 Datasheet HTML 47Page - List of Unclassifed Manufacturers CQ2 Datasheet HTML 48Page - List of Unclassifed Manufacturers CQ2 Datasheet HTML 49Page - List of Unclassifed Manufacturers CQ2 Datasheet HTML 50Page - List of Unclassifed Manufacturers CQ2 Datasheet HTML 51Page - List of Unclassifed Manufacturers CQ2 Datasheet HTML 52Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 48 / 208 page
background image
C
Mounting bolt part no.
5.5
8
10.5
9.5
9
7.5
12.5
D
35
40
40
45
40
45
40
45
40
45
45
50
55
65
CDQ2B12-5SZ
-10SZ
CDQ2B16-5SZ
-10SZ
CDQ2B20-5SZ
-10SZ
CDQ2B25-5SZ
-10SZ
CDQ2B32-5SZ
-10SZ
CDQ2B40-5SZ
-10SZ
CDQ2B50-10SZ
-20SZ
CQ-M3 x 35L
x 40L
CQ-M3 x 40L
x 45L
CQ-M5 x 40L
x 45L
CQ-M5 x 40L
x 45L
CQ-M5 x 40L
x 45L
CQ-M5 x 45L
x 50L
CQ-M6 x 55L
x 65L
C
Mounting bolt part no.
6.1
8
10.5
9.5
9
7.5
12.5
D
40
45
40
45
40
45
40
45
40
45
45
50
55
65
CDQ2B12-5TZ
-10TZ
CDQ2B16-5TZ
-10TZ
CDQ2B20-5TZ
-10TZ
CDQ2B25-5TZ
-10TZ
CDQ2B32-5TZ
-10TZ
CDQ2B40-5TZ
-10TZ
CDQ2B50-10TZ
-20TZ
CQ-M3 x 40L
x 45L
CQ-M3 x 40L
x 45L
CQ-M5 x 40L
x 45L
CQ-M5 x 40L
x 45L
CQ-M5 x 40L
x 45L
CQ-M5 x 45L
x 50L
CQ-M6 x 55L
x 65L
Material: Chromium molybdenum steel
Surface treatment: Nickel plated
Mounting Bolt for CDQ2B/With Auto Switch
Mounting method: Mounting bolt for through-hole mounting of the CDQ2B
is available as an option. Refer to the following for ordering procedures.
Order the actual number of bolts that will be used.
Example) CQ-M3x35L 2 pcs.
Spring return
Spring extend
Mounting bolt
Mounting bolt
Cylinder model
Spring Return
Cylinder model
Spring Extend
44
Series
CQ2
Compact Cylinder: Standard
Single Acting, Single Rod



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com