Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

CQ2 Datasheet(PDF) 71 Page - List of Unclassifed Manufacturers

Part # CQ2
Description  Compact Cylinder
PDF  208 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

CQ2 Datasheet(HTML) 71 Page - List of Unclassifed Manufacturers

Back Button CQ2 Datasheet HTML 67Page - List of Unclassifed Manufacturers CQ2 Datasheet HTML 68Page - List of Unclassifed Manufacturers CQ2 Datasheet HTML 69Page - List of Unclassifed Manufacturers CQ2 Datasheet HTML 70Page - List of Unclassifed Manufacturers CQ2 Datasheet HTML 71Page - List of Unclassifed Manufacturers CQ2 Datasheet HTML 72Page - List of Unclassifed Manufacturers CQ2 Datasheet HTML 73Page - List of Unclassifed Manufacturers CQ2 Datasheet HTML 74Page - List of Unclassifed Manufacturers CQ2 Datasheet HTML 75Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 71 / 208 page
background image
L1 + Stroke
A1 + 2 (Stroke)
(Also back cover)
(Also back cover)
2 x 4 x ø
OB counterbore depth RB
2 x
H thread effective depth C
B + Stroke
A + 2 (Stroke)
L + Stroke
Minimum lead wire bending radius 10
Auto switch
Width across flat
K
2 x 4 x
OA
thread depth
RA
4 pcs.
With flat washer Note 1)
(Port size)
2 x
P (Rc, NPT, G)
(mm)
125
140
160
199
199
219
46
46
55
58
58
64
45
45
50
A1
B1
M30 x 1.5
M30 x 1.5
M36 x 1.5
MM
L1
42
42
47
18
18
21
C1
H1
X
(mm)
125
140
160
H
M22 x 2.5
M22 x 2.5
M24 x 3
OA
M14 x 2
M14 x 2
M16 x 2
C
30 (22.5)
30 (22.5)
33 (26.5)
A
115
115
125
E
142
158
178
10, 20, 30, 40, 50
75, 100, 125, 150
175, 200, 250, 300
B
83
83
91
D
36
36
40
J
11
10
10
K
32
32
36
L
16
16
17
M
114
128
144
N
12.5
12.5
14.5
OB
21.2
21.2
24.2
Q
24.5
24.5
27.5
P
3/8
3/8
3/8
RA
25
25
28
RB
18.4
18.4
21.2
W
153
168
188
MM
MM
B1
B1
2.5
L
QQ
L1
X
C1
X
C1
H1
H1
K
M
EJ
W
Dimensions
Standard (Through-hole):
C
„Q2WB
The dimensions are the same with or without an auto switch.
ø
125 to ø160
Rod end male thread
Rod End Male Thread
Bore size
(mm)
Note 1) Be sure to use the attached flat washer for mounting cylinder with through-holes.
Note 2) ( ): Values of effective length in one side, only for 10 mm stroke model
∗
The positions of double rod width across flats are not the same.
Bore size (mm)
Standard stroke
Note 2)
67
Series
CQ2W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com