Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

CQ2 Datasheet(PDF) 32 Page - List of Unclassifed Manufacturers

Part # CQ2
Description  Compact Cylinder
PDF  208 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

CQ2 Datasheet(HTML) 32 Page - List of Unclassifed Manufacturers

Back Button CQ2 Datasheet HTML 28Page - List of Unclassifed Manufacturers CQ2 Datasheet HTML 29Page - List of Unclassifed Manufacturers CQ2 Datasheet HTML 30Page - List of Unclassifed Manufacturers CQ2 Datasheet HTML 31Page - List of Unclassifed Manufacturers CQ2 Datasheet HTML 32Page - List of Unclassifed Manufacturers CQ2 Datasheet HTML 33Page - List of Unclassifed Manufacturers CQ2 Datasheet HTML 34Page - List of Unclassifed Manufacturers CQ2 Datasheet HTML 35Page - List of Unclassifed Manufacturers CQ2 Datasheet HTML 36Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 208 page
background image
12
16
20
25
32
40
50
63
80
100
5
10
15
20
25
30
35
40
45
50
75
100
50
77
120
170
238
353
—
—
—
—
58
87
136
185
260
383
609
798
1393
2334
65
96
151
201
283
412
645
840
1469
2443
73
106
166
216
306
442
681
882
1546
2551
80
115
182
232
329
471
716
924
1622
2660
87
125
197
247
352
500
752
966
1699
2769
—
—
212
263
375
530
788
1008
1775
2877
—
—
228
279
398
559
823
1051
1851
2986
—
—
243
294
421
589
859
1093
1928
3094
—
—
258
310
444
618
895
1135
2004
3203
—
—
—
—
558
765
1073
1346
2387
3746
—
—
—
—
673
912
1252
1556
2769
4289
12
16
20
25
32
40
50
63
80 100
1
3
2
0
—
52
54
1
6
4
0
—
65
67
3
12
8
–2
—
153
131
3
24
16
–2
—
177
153
6
52
34
–3
12
158
180
6
54
34
–7
12
170
214
6
106
64
–12
21
267
373
19
106
64
–19
21
342
559
45
240
98
–34
—
722
1056
45
350
232
–54
—
1107
1365
20
25
32
40
50
63
80
100
CQ2WBH20-PS
CQ2WBH25-PS
CQ2WBH32-PS
CQ2WBH40-PS
CQ2WBH50-PS
CQ2WBH63-PS
CQ2WBH80-PS
CQ2WBH100-PS
12
16
20
25
32
40
50
63
80
100
CQ2WB12-PS
CQ2WB16-PS
CQ2WB20-PS
CQ2WB25-PS
CQ2WB32-PS
CQ2WB40-PS
CQ2WB50-PS
CQ2WB63-PS
CQ2WB80-PS
CQ2WB100-PS
Refer to the below pages for further information on auto switches.
Auto switch proper mounting position and its mounting height
Minimum stroke for auto switch mounting
Operating range
Auto switch mounting brackets/Part no.
P.169 to 175
Bore size
(mm)
(g)
Weight
Cylinder stroke (mm)
Weight
(g)
Additional Weight
Bore size (mm)
Both ends tapped
With rubber bumper
Built-in one-touch fittings
Foot (Including mounting bolts)
Flange (Including mounting bolts)
Rod end
male
thread
Male thread
Nut
Add each weight of
auto switches when
auto switches are
mounted.
Construction
Component Parts
No.
1
2
3
4
5
6
7
8
9
10
11
12
∗
∗
∗
Cylinder tube
Piston
Piston rod A
Piston rod B
Collar
Retaining ring
Bushing
Magnet
Rod seal
Piston seal
Tube gasket
Piston gasket
Description
Material
Aluminum alloy
Aluminum alloy
Stainless steel
Carbon steel
Stainless steel
Carbon steel
Aluminum alloy
Aluminum alloy casted
Carbon tool steel
Bearing alloy
—
NBR
NBR
NBR
NBR
Note
Hard anodized
Chromated
ø12 to ø25
ø32 to ø100, Hard chrome plated
ø12 to ø25
ø32 to ø100, Hard chrome plated
ø12 to ø40, Anodized
ø50 to ø100, Chromated, Painted
Phosphate coated
For ø50 or more only
—
Replacement Parts/Seal Kit (Air-hydro type)
Bore size (mm)
Kit no.
Contents
∗
Seal kit includes o
, !0, !1. Order the seal kit, based on each bore size.
∗
Since the seal kit does not include a grease pack, order it separately.
Grease pack part no.: GR-S-010 (10 g)
Replacement Parts/Seal Kit (Pneumatic type)
Bore size (mm)
Kit no.
Contents
∗
Seal kit includes o
, !0, !1. Order the seal kit, based on each bore size.
∗
Since the seal kit does not include a grease pack, order it separately.
Grease pack part no.: GR-S-010 (10 g)
Calculation: (Example)
CDQ2WF32-20DCMZ
• Basic weight:
CDQ2WB32-20DZ
• Additional weight: Both ends tapped
Rod end male thread
With rubber bumper
Rod flange
306 g
6 g
86 g
–3 g
180 g
575 g
Kits include items
o, !0, !1 from
the table.
Kits include items
o, !0, !1 from
the table.
27
Standard: Double Acting, Double Rod
Series
CDQ2W
With Auto Switch



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com