Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

CQ2 Datasheet(PDF) 52 Page - List of Unclassifed Manufacturers

Part # CQ2
Description  Compact Cylinder
PDF  208 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

CQ2 Datasheet(HTML) 52 Page - List of Unclassifed Manufacturers

Back Button CQ2 Datasheet HTML 48Page - List of Unclassifed Manufacturers CQ2 Datasheet HTML 49Page - List of Unclassifed Manufacturers CQ2 Datasheet HTML 50Page - List of Unclassifed Manufacturers CQ2 Datasheet HTML 51Page - List of Unclassifed Manufacturers CQ2 Datasheet HTML 52Page - List of Unclassifed Manufacturers CQ2 Datasheet HTML 53Page - List of Unclassifed Manufacturers CQ2 Datasheet HTML 54Page - List of Unclassifed Manufacturers CQ2 Datasheet HTML 55Page - List of Unclassifed Manufacturers CQ2 Datasheet HTML 56Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 52 / 208 page
background image
ø
CB
X Y
X
Y
LG
L
L1
A
B
LS
FZ
FX
L
FT
L1
A
B
L
B
FZ
FX
A
FT
L1
L
B
A
CL
L1
CU
CT
CW
RR
LX
LZ
Special cap bolt
2 x ø
FD
2 x
N
Cap bolt
ø
CD hole H10
Axis d9
4 x ø
LD
CX
+0.4
+0.2
CZ
2 x ø
FD
–0.1
–0.3
12
16
20
25
5st
51.3
53.8
58.2
59.7
10st
56.3
58.8
63.2
64.7
5st
33
35.5
36.5
37.5
10st
38
40.5
41.5
42.5
L
13.5
13.5
14.5
15
L1
24
25.5
28.5
32.5
LD
4.5
4.5
6.6
6.6
LG
2.8
2.8
4
4
LH
17
19
24
26
5st
21
23.5
24.5
22.5
10st
26
28.5
29.5
27.5
AB
12
16
20
25
5st
46.5
49
51
52.5
10st
51.5
54
56
57.5
5st
33
35.5
36.5
37.5
10st
38
40.5
41.5
42.5
FD
4.5
4.5
6.6
6.6
FT
5.5
5.5
8
8
FV
25
30
39
42
FX
45
45
48
52
FZ
55
55
60
64
L
13.5
13.5
14.5
15
L1
24
25.5
28.5
32.5
A
12
16
20
25
5st
46.4
44.5
49
50.5
10st
51.4
49.5
54
55.5
L
3.5
3.5
4.5
5
L1
14
15.5
18.5
22.5
A
B
LS
(mm)
(mm)
(mm)
12
16
20
25
5st
56.5
60
68
72.5
10st
61.5
65
73
77.5
CD
5
5
8
10
CT
4
4
5
5
CU
7
10
12
14
CW
14
15
18
20
A
5st
33
35.5
36.5
37.5
10st
38
40.5
41.5
42.5
B
5st
50.5
54
59
62.5
10st
55.5
59
64
67.5
CL
(mm)
CB
12
14
20
24
12
16
20
25
CX
5
6.5
8
10
CZ
10
12
16
20
L
3.5
3.5
4.5
5
L1
14
15.5
18.5
22.5
RR
6
6
9
10
N
M4 x 0.7
M4 x 0.7
M6 x 1.0
M6 x 1.0
12
16
20
25
LT
2
2
3.2
3.2
LX
34
38
48
52
LY
29.5
33.5
42
46
LZ
44
48
62
66
X
8
8
9.2
10.7
Y
4.5
5
5.8
5.8
Foot:
CDQ2L
Rod flange:
CDQ2F
Head flange:
CDQ2G
Double clevis:
CDQ2D
Rod end male thread
Rod end male thread
Rod end male thread
Rod end male thread
Foot
Bore size
(mm)
Bore size
(mm)
Foot bracket material: Carbon steel
Surface treatment: Nickel plated
Rod Flange
Bore size
(mm)
Flange bracket material: Carbon steel
Surface treatment: Nickel plated
Head Flange
Bore size
(mm)
Flange bracket material: Carbon steel
Surface treatment: Nickel plated
∗
The dimensions except A, L and L1 are
the same as those of the rod flange.
Double Clevis
Bore size
(mm)
Bore size
(mm)
∗
For details about the rod end nut and accessory brackets, refer to page 19.
∗
Double clevis pin and retaining rings are included.
Double clevis bracket material: Carbon steel
Surface treatment: Nickel plated
48
Series
CQ2
Compact Cylinder: Standard
Single Acting, Single Rod



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com