Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

CQ2 Datasheet(PDF) 68 Page - List of Unclassifed Manufacturers

Part # CQ2
Description  Compact Cylinder
PDF  208 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

CQ2 Datasheet(HTML) 68 Page - List of Unclassifed Manufacturers

Back Button CQ2 Datasheet HTML 64Page - List of Unclassifed Manufacturers CQ2 Datasheet HTML 65Page - List of Unclassifed Manufacturers CQ2 Datasheet HTML 66Page - List of Unclassifed Manufacturers CQ2 Datasheet HTML 67Page - List of Unclassifed Manufacturers CQ2 Datasheet HTML 68Page - List of Unclassifed Manufacturers CQ2 Datasheet HTML 69Page - List of Unclassifed Manufacturers CQ2 Datasheet HTML 70Page - List of Unclassifed Manufacturers CQ2 Datasheet HTML 71Page - List of Unclassifed Manufacturers CQ2 Datasheet HTML 72Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 68 / 208 page
background image
-XB10
-X235
-X271
-X633
Intermediate stroke (Exclusive body type)
Special rod end for double rod cylinder
Fluororubber seals, ø125 to ø160 only
Intermediate stroke of double rod cylinder,
ø125 to ø160 only
Symbol
Specifications
∗
-X633: Intermediate stroke in 5 mm intervals only
• Auto switch proper mounting position (detection at stroke end) and its mounting height
• Minimum stroke for auto switch mounting
• Operating range
• Auto switch mounting brackets/Part no.
Refer to pages 169 to 175 for the specifications of cylinders with auto switches.
Made to Order
(For details, refer to pages 177 to 207.)
JIS Symbol
Double acting,
Double rod
Action
Fluid
Proof pressure
Maximum operating pressure
Minimum operating pressure
Ambient and fluid temperature
Lubrication
Piston speed
Allowable kinetic energy (J)
Stroke length tolerance
Bore size (mm)
125
140
160
180
200
Note) Stroke length tolerance does not include the amount of bumper change.
7.4
9.8
12.4
Double acting, Double rod
Air
0.05 MPa
Not required (Non-lube)
1.5 MPa
1.0 MPa
1.05 MPa
0.7 MPa
50 to 500 mm/s
20 to 400 mm/s
Without auto switch: –10 to 70°C (No freezing)
With auto switch: –10 to 60°C (No freezing)
+1.4 mm
0
Note)
Specifications
Bore size (mm)
125, 140, 160
180, 200
Standard stroke
10, 20, 30, 40, 50, 75, 100, 125, 150, 175, 200, 250, 300
(mm)
Standard Strokes
Type
Part no.
Suffix “-X633” to the end of standard
model number. (P. 63)
Part no.: CQ2WB160-165DCZ-X633
CQ2WB160-175DCZ with 10 mm
width spacer inside
The B dimension is 266 mm.
Part no.: CQ2WB160-165DCZ-XB10
Makes 165 mm stroke tube.
The B dimension is 256 mm.
Strokes in 5 mm intervals are
available by installing a spacer in
the standard stroke cylinder.
Strokes in 1 mm intervals are
available by using an exclusive body
with the specified stroke.
Suffix “-XB10” to the end of standard
model number. (P. 63)
Description
Stroke range
Bore size
125 to 160
Stroke range
5 to 295
Bore size
125 to 160
Stroke range
11 to 299
Example
A spacer is installed in the standard stroke body.
Exclusive body (-XB10)
Manufacture of Intermediate Strokes
64
Series
CQ2W
Compact Cylinder: Large Bore Size
Double Acting, Double Rod



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com