Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

CQ2 Datasheet(PDF) 39 Page - List of Unclassifed Manufacturers

Part # CQ2
Description  Compact Cylinder
PDF  208 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

CQ2 Datasheet(HTML) 39 Page - List of Unclassifed Manufacturers

Back Button CQ2 Datasheet HTML 35Page - List of Unclassifed Manufacturers CQ2 Datasheet HTML 36Page - List of Unclassifed Manufacturers CQ2 Datasheet HTML 37Page - List of Unclassifed Manufacturers CQ2 Datasheet HTML 38Page - List of Unclassifed Manufacturers CQ2 Datasheet HTML 39Page - List of Unclassifed Manufacturers CQ2 Datasheet HTML 40Page - List of Unclassifed Manufacturers CQ2 Datasheet HTML 41Page - List of Unclassifed Manufacturers CQ2 Datasheet HTML 42Page - List of Unclassifed Manufacturers CQ2 Datasheet HTML 43Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 208 page
background image
FX
FZ
L3
FT
L1
XY
X
Y
L
LG
LZ
LX
L1
Special cap
bolt
4 x ø
LD
LS + Stroke
B + Stroke
A + 2 (Stroke)
L + Stroke
L1 + Stroke
A1 + 2 (Stroke)
L4 + Stroke
A1 + 2 (Stroke)
B + Stroke
L2 + Stroke
A + 2 (Stroke)
4 x ø
FD
32
40
50
6.6
6.6
9
4
4
5
30
33
39
3.2
3.2
3.2
57
64
79
57
64
78
71
78
95
11.2
11.2
14.7
5.8
7
8
L
LD
LG
LH
LT
LX
LY
LZ
X
Y
17
17
18
32
40
50
(mm)
A
BLSA
BLS
5 to 50
75, 100
5 to 50
75, 100
10 to 50
75, 100
64.5
74.5
74
84
76.5
86.5
30.5
40.5
40
50
40.5
50.5
14.5
24.5
24
34
17.5
27.5
74.5
84
86.5
40.5
50
50.5
24.5
34
27.5
(mm)
5 to 50
75, 100
5 to 50
75, 100
10 to 50
75, 100
107.5
117.5
117
127
127.5
137.5
117.5
127
137.5
38.5
38.5
43.5
A1
A1
L1
(mm)
Rod End Male Thread
32
40
50
Without auto switch With auto switch
Bore size
(mm)
Stroke range
(mm)
5 to 50
75, 100
5 to 50
75, 100
10 to 50
75, 100
97.5
107.5
107
117
117.5
127.5
107.5
117
127.5
38.5
38.5
43.5
A1
A1
L3
28.5
28.5
33.5
L4
7
7
8
(mm)
32
40
50
5.5
5.5
6.6
8
8
9
48
54
67
56
62
76
65
72
89
17
17
18
5 to 50
75, 100
5 to 50
75, 100
10 to 50
75, 100
54.5
64.5
64
74
66.5
76.5
30.5
40.5
40
50
40.5
50.5
64.5
74
76.5
40.5
50
50.5
ABAB
FD
FT
FV
FX
FZ
L1
L2
34
40
50
M
Foot:
CQ2WL/CDQ2WL
Note) The positions of left and right width
across flats are not constant.
Rod End Male Thread
32
40
50
Bore size
(mm)
Stroke range
(mm)
Without auto switch With auto switch
Bore size (mm)
Foot
Foot bracket material: Carbon steel
Surface treatment:
Nickel plated
Bore size
(mm)
Stroke range
(mm)
Without auto switch
With auto switch
Flange:
CQ2WF/CDQ2WF
Note) The positions of left and right width
across flats are not constant.
Flange
Bore size
(mm)
Stroke range
(mm)
Without auto switch
With auto switch
Flange bracket material: Carbon steel
Surface treatment: Nickel plated
34
Series
CQ2W
Compact Cylinder: Standard
Double Acting, Double Rod
Rod end male thread
Rod end male thread



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com