Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

CQ2 Datasheet(PDF) 44 Page - List of Unclassifed Manufacturers

Part # CQ2
Description  Compact Cylinder
PDF  208 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

CQ2 Datasheet(HTML) 44 Page - List of Unclassifed Manufacturers

Back Button CQ2 Datasheet HTML 40Page - List of Unclassifed Manufacturers CQ2 Datasheet HTML 41Page - List of Unclassifed Manufacturers CQ2 Datasheet HTML 42Page - List of Unclassifed Manufacturers CQ2 Datasheet HTML 43Page - List of Unclassifed Manufacturers CQ2 Datasheet HTML 44Page - List of Unclassifed Manufacturers CQ2 Datasheet HTML 45Page - List of Unclassifed Manufacturers CQ2 Datasheet HTML 46Page - List of Unclassifed Manufacturers CQ2 Datasheet HTML 47Page - List of Unclassifed Manufacturers CQ2 Datasheet HTML 48Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 208 page
background image
12
16
20
25
32
40
50
12
16
20
25
32
40
50
0.3
21
45
79
126
211
338
535
14
24
44
84
152
288
412
0.5
44
86
142
224
372
589
928
31
54
91
160
273
499
742
0.7
66
126
205
323
533
841
1316
48
85
138
235
393
710
1072
Caution
Retaining Ring Installation/Removal
1. For installation and removal, use an appropri-
ate pair of pliers (tool for installing a type C
retaining ring).
2. Even if a proper plier (tool for installing a type
C retaining ring) is used, it is likely to inflict
damage to a human body or peripheral
equipment, as a retaining ring may be flown
out of the tip of a plier (tool for installing a
type C retaining ring). Be much careful with
the popping of a retaining ring. Besides, be
certain that a retaining ring is placed firmly
into the groove of rod cover before supplying
air at the time of installment.
5
10
15
20
29
42
63
87
125
196
—
29
43
67
92
135
206
—
35
51
76
101
145
217
357
35
50
78
104
151
223
374
—
—
—
—
—
—
—
—
—
—
—
—
—
—
—
—
—
—
—
—
426
—
—
—
—
—
—
429
12
2
1.5
1
0.7
—
55
57
54
32
16
2
3
2
1.3
—
67
69
65
39
20
6
6
4
2
—
164
139
133
88
25
6
12
8
3
—
186
161
152
123
32
6
26
17
5
6
142
180
165
151
40
6
27
17
7
6
154
214
198
196
50
6
53
32
13
10.5
243
373
348
393
5
10
5
10
5
10
5
10
5
10
5
10
10
20
13
13
15
15
15
15
20
20
30
30
30
39
50
54
8.6
3.9
10.3
5.9
10
5.9
16
11
23
16
13
21
30
24
12
16
20
25
32
40
50
5
10
5
10
5
10
5
10
5
10
5
10
10
20
11
9.7
20
20
27
27
29
29
29
29
29
29
83
83
2.9
2.8
3.9
3.9
5.3
5.9
9.8
9.8
20
20
20
20
24
24
12
16
20
25
32
40
50
(N)
Single Acting, Spring Extend
12
16
20
25
Without switch
With switch
Without switch
With switch
Without switch
With switch
Without switch
With switch
32
40
50
CQ-L012
CQ-LZ12
CQ-L016
CQ-LZ16
CQ-L020
CQ-LZ20
CQ-L025
CQ-LZ25
CQ-L032
CQ-L040
CQ-L050
CQ2
„„-„D
CQ2
„„-„DZ
CQ2
„„-„D
CQ2
„„-„DZ
CQ2
„„-„D
CQ2
„„-„DZ
CQ2
„„-„D
CQ2
„„-„DZ
CQ2
„„-„DZ
CQ2
„„-„DZ
CQ2
„„-„DZ
CQ-F012
CQ-F016
CQ-F020
CQ-F025
CQ-F032
CQ-F040
CQ-F050
CQ-D012
CQ-D016
CQ-D020
CQ-D025
CQ-D032
CQ-D040
CQ-D050
Spring Force
Bore size
(mm)
Stroke
(mm)
Spring reaction force (N)
Second
First
Bore size
(mm)
Stroke
(mm)
Spring reaction force (N)
Second
First
(N)
Single Acting, Spring Return
IN
OUT
Spring state with
first mounting load
Spring state with
second mounting load
When spring is set in
cylinder
When spring is
compressed with air
Single acting, Spring extend
IN
OUT
Spring state with
first mounting load
Spring state with
second mounting load
When spring is set in
cylinder
When spring is
compressed with air
Single acting, Spring return
Mounting Brackets/Part No.
Theoretical Output
Bore size
(mm)
Foot
Note 1)
Model
Flange
Double
clevis
Note 1) When ordering a foot bracket, the required quantity
will be different depending on the bore size.
ø12 to ø25:
• Without switch: Order 2 pieces per cylinder.
• With switch: Order 1 piece per cylinder. (Part
number for a set of 2 foot brackets)
ø32 to ø100:
• Order 2 pieces per cylinder.
Note 2) Parts belonging to each bracket are as follows.
Foot or Flange: Body mounting bolts
Double clevis: Clevis pin, Type C retaining rings for
axis, Body mounting bolts
(N)
Bore size
(mm)
Action
Operating pressure (MPa)
Action
Bore size (mm)
Cylinder stroke (mm)
(g)
Weight
Weight
12
16
20
25
32
40
50
12
16
20
25
32
40
50
Bore size (mm)
(g)
Additional Weight
Both ends tapped
Rod end male thread
With boss on head end
Built-in one-touch fittings
Foot (Including mounting bolts)
Rod flange (Including mounting bolts)
Head flange (Including mounting bolts)
Double clevis (Including pin, retaining rings, bolts)
Male thread
Nut
Calculation: (Example)
CQ2D32-10SMZ
• Basic weight:
CQ2B32-10SZ
• Additional weight: Both ends tapped
Rod end male thread
Double clevis
345 g
145 g
6 g
43 g
151 g
40
Series
CQ2
Compact Cylinder: Standard
Single Acting, Single Rod



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com