Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

CQ2 Datasheet(PDF) 76 Page - List of Unclassifed Manufacturers

Part # CQ2
Description  Compact Cylinder
PDF  208 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

CQ2 Datasheet(HTML) 76 Page - List of Unclassifed Manufacturers

Back Button CQ2 Datasheet HTML 72Page - List of Unclassifed Manufacturers CQ2 Datasheet HTML 73Page - List of Unclassifed Manufacturers CQ2 Datasheet HTML 74Page - List of Unclassifed Manufacturers CQ2 Datasheet HTML 75Page - List of Unclassifed Manufacturers CQ2 Datasheet HTML 76Page - List of Unclassifed Manufacturers CQ2 Datasheet HTML 77Page - List of Unclassifed Manufacturers CQ2 Datasheet HTML 78Page - List of Unclassifed Manufacturers CQ2 Datasheet HTML 79Page - List of Unclassifed Manufacturers CQ2 Datasheet HTML 80Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 76 / 208 page
background image
Auto switch
(CDQ2
„ only)
Built-in one-touch fittings
Rod end male thread
Standard
Caution
Retaining Ring Installation/Removal
1. For installation and removal, use an appropriate pair of pliers (tool
for installing a type C retaining ring).
2. Even if a proper plier (tool for installing a type C retaining ring) is
used, it is likely to inflict damage to a human body or peripheral
equipment, as a retaining ring may be flown out of the tip of a plier
(tool for installing a type C retaining ring). Be much careful with the
popping of a retaining ring. Besides, be certain that a retaining ring
is placed firmly into the groove of rod cover before supplying air at
the time of installment.
32
40
50
63
80
100
CQ2A32-L-PS
CQ2A40-L-PS
CQ2A50-L-PS
CQ2A63-L-PS
CQ2A80-L-PS
CQ2A100-L-PS
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
Component Parts
No.
Description
Cylinder tube
Piston
Piston rod
Collar
Bottom plate
Retaining ring
Bumper A
Bumper B
Bushing
Wear ring
Rod end nut
Magnet
One-touch fitting
Rod seal
Piston seal
Tube gasket
Material
Aluminum alloy
Aluminum alloy
Carbon steel
Aluminum alloy
Aluminum alloy
Carbon tool steel
Urethane
Urethane
Bearing alloy
Resin
Carbon steel
—
—
NBR
NBR
NBR
Note
Hard anodized
Chromated
Hard chrome plated
Anodized
Anodized
Phosphate coated
Nickel plated
For CDQ2A
„ only
ø32 to ø63
∗
∗
∗
Replacement Parts/Seal Kit
Bore size (mm)
Kit no.
Contents
∗
Seal kit includes !4, !5, !6. Order the seal kit, based on each bore size.
∗
Since the seal kit does not include a grease pack, order it separately.
Grease pack part no.: GR-S-010 (10 g)
Construction
Kits include items
!4, !5, !6 from the
table.
72
Series
CQ2
Compact Cylinder: Long Stroke
Double Acting, Single Rod



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com