Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LSM6DSV320X Datasheet(PDF) 28 Page - STMicroelectronics

Part # LSM6DSV320X
Description  6-axis IMU (inertial measurement unit) with high-g accelerometer, embedded AI, and sensor fusion for high-end applications, car crash detection
PDF  212 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LSM6DSV320X Datasheet(HTML) 28 Page - STMicroelectronics

Back Button LSM6DSV320X Datasheet HTML 24Page - STMicroelectronics LSM6DSV320X Datasheet HTML 25Page - STMicroelectronics LSM6DSV320X Datasheet HTML 26Page - STMicroelectronics LSM6DSV320X Datasheet HTML 27Page - STMicroelectronics LSM6DSV320X Datasheet HTML 28Page - STMicroelectronics LSM6DSV320X Datasheet HTML 29Page - STMicroelectronics LSM6DSV320X Datasheet HTML 30Page - STMicroelectronics LSM6DSV320X Datasheet HTML 31Page - STMicroelectronics LSM6DSV320X Datasheet HTML 32Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 212 page
background image
5.2
MIPI I3C® interface
5.2.1
MIPI I3C® target interface
The LSM6DSV320X interface includes a MIPI I3C® SDR-only target interface (compliant with release 1.1 of the
specification) with MIPI I3C® SDR embedded features:
CCC command
Direct CCC communication (SET and GET)
Broadcast CCC communication
Private communications
Private read and write for single byte
Multiple read and write
In-band interrupt request
Target reset pattern
Group address
Full range VDDIO support
Asynchronous modes 0 and 1
Synchronous mode
Error detection and recovery methods (S0-S6)
In order to disable the MIPI I3C® block, I2C_I3C_disable = 1 must be written in IF_CFG (03h).
5.2.2
MIPI I3C® CCC supported commands
The list of MIPI I3C® CCC commands supported by the device is detailed in the following table.
Table 17. MIPI I3C® CCC commands
Command
Command code
Default
Description
ENTDAA
0x07
DAA procedure
SETDASA
0x87
Assign dynamic address using static address 0x6B/0x6A depending on SDO pin
ENEC
0x80 / 0x00
Target activity control (direct and broadcast)
DISEC
0x81/ 0x01
Target activity control (direct and broadcast)
ENTAS0
0x82 / 0x02
Enter activity state (direct and broadcast)
SETXTIME
0x98 / 0x28
Timing information exchange
GETXTIME
0x99
0x07
0x00
0x06
0x92
Timing information exchange
RSTDAA
0x06
Reset the assigned dynamic address (broadcast only)
SETMWL
0x89 / 0x08
Define maximum write length during private write (direct and broadcast)
SETMRL
0x8A / 0x09
Define maximum read length during private read (direct and broadcast)
SETNEWDA
0x88
Change dynamic address
GETMWL
0x8B
0x00
0x08
(2 byte)
Get maximum write length during private write
LSM6DSV320X
Digital interfaces
DS14623 - Rev 1
page 28/212



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com