Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AM62A32AMLHAAMB Datasheet(PDF) 36 Page - Texas Instruments

Part # AM62A32AMLHAAMB
Description  AM62Ax Sitara™ Processors
PDF  247 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

AM62A32AMLHAAMB Datasheet(HTML) 36 Page - Texas Instruments

Back Button AM62A32AMLHAAMB Datasheet HTML 32Page - Texas Instruments AM62A32AMLHAAMB Datasheet HTML 33Page - Texas Instruments AM62A32AMLHAAMB Datasheet HTML 34Page - Texas Instruments AM62A32AMLHAAMB Datasheet HTML 35Page - Texas Instruments AM62A32AMLHAAMB Datasheet HTML 36Page - Texas Instruments AM62A32AMLHAAMB Datasheet HTML 37Page - Texas Instruments AM62A32AMLHAAMB Datasheet HTML 38Page - Texas Instruments AM62A32AMLHAAMB Datasheet HTML 39Page - Texas Instruments AM62A32AMLHAAMB Datasheet HTML 40Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 247 page
background image
Table 5-1. Pin Attributes (AMB, ANF Packages) (continued)
AMB
BALL
NUMBER
[1]
ANF
BALL
NUMBER
[1]
BALL NAME [2]
PADCONFIG Register [15]
PADCONFIG Address [16]
SIGNAL NAME [3]
MUX
MODE [4]
TYPE
[5]
DSIS
[6]
BALL
STATE
DURING
RESET
(RX/TX/PULL) [7]
BALL
STATE
AFTER
RESET
(RX/TX/PULL) [8]
MUX
MODE
AFTER
RESET
[9]
I/O
OPERATING
VOLTAGE
[10]
POWER [11]
HYS
[12]
BUFFER
TYPE [13]
PULL
UP/DOWN
TYPE [14]
Y16
Y16
RGMII1_TD2
PADCONFIG:
PADCONFIG79
0x000F413C
RGMII1_TD2
0
O
Off / Off / Off
Off / Off / Off
7
1.8V / 3.3V
VDDSHV2
Yes
LVCMOS
PU/PD
GPIO0_77
7
IO
pad
AA17
AA17
RGMII1_TD3
PADCONFIG:
PADCONFIG80
0x000F4140
RGMII1_TD3
0
O
Off / Off / Off
Off / Off / Off
7
1.8V / 3.3V
VDDSHV2
Yes
LVCMOS
PU/PD
CLKOUT0
1
O
GPIO0_78
7
IO
pad
AA21
AA21
RGMII2_RD0
PADCONFIG:
PADCONFIG97
0x000F4184
RGMII2_RD0
0
I
0
Off / Off / Off
Off / Off / Off
7
1.8V / 3.3V
VDDSHV2
Yes
LVCMOS
PU/PD
RMII2_RXD0
1
I
0
MCASP2_AXR2
2
IO
0
GPIO1_3
7
IO
pad
Y20
Y20
RGMII2_RD1
PADCONFIG:
PADCONFIG98
0x000F4188
RGMII2_RD1
0
I
0
Off / Off / Off
Off / Off / Off
7
1.8V / 3.3V
VDDSHV2
Yes
LVCMOS
PU/PD
RMII2_RXD1
1
I
0
MCASP2_AFSR
2
IO
0
MCASP2_AXR7
5
IO
0
GPIO1_4
7
IO
pad
AB21
AB21
RGMII2_RD2
PADCONFIG:
PADCONFIG99
0x000F418C
RGMII2_RD2
0
I
0
Off / Off / Off
Off / Off / Off
7
1.8V / 3.3V
VDDSHV2
Yes
LVCMOS
PU/PD
MCASP2_AXR0
2
IO
0
GPIO1_5
7
IO
pad
EQEP2_A
8
I
0
AB20
AB20
RGMII2_RD3
PADCONFIG:
PADCONFIG100
0x000F4190
RGMII2_RD3
0
I
0
Off / Off / Off
Off / Off / Off
7
1.8V / 3.3V
VDDSHV2
Yes
LVCMOS
PU/PD
AUDIO_EXT_REFCLK0
2
IO
0
GPIO1_6
7
IO
pad
EQEP2_B
8
I
0
AA19
AA19
RGMII2_TD0
PADCONFIG:
PADCONFIG91
0x000F416C
RGMII2_TD0
0
O
Off / Off / Off
Off / Off / Off
7
1.8V / 3.3V
VDDSHV2
Yes
LVCMOS
PU/PD
RMII2_TXD0
1
O
MCASP2_AXR6
2
IO
0
GPIO0_89
7
IO
pad
Y18
Y18
RGMII2_TD1
PADCONFIG:
PADCONFIG92
0x000F4170
RGMII2_TD1
0
O
Off / Off / Off
Off / Off / Off
7
1.8V / 3.3V
VDDSHV2
Yes
LVCMOS
PU/PD
RMII2_TXD1
1
O
MCASP2_ACLKR
2
IO
0
MCASP2_AXR8
5
IO
0
GPIO0_90
7
IO
pad
AA18
AA18
RGMII2_TD2
PADCONFIG:
PADCONFIG93
0x000F4174
RGMII2_TD2
0
O
Off / Off / Off
Off / Off / Off
7
1.8V / 3.3V
VDDSHV2
Yes
LVCMOS
PU/PD
MCASP2_AFSX
2
IO
0
GPIO0_91
7
IO
pad
EQEP2_I
8
IO
0
AM62A7, AM62A7-Q1, AM62A3, AM62A3-Q1, AM62A1-Q1
SPRSP77D – MARCH 2023 – REVISED JUNE 2025
www.ti.com
36
Submit Document Feedback
Copyright © 2025 Texas Instruments Incorporated
Product Folder Links: AM62A7 AM62A7-Q1 AM62A3 AM62A3-Q1 AM62A1-Q1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com