Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AM62A32AMLHAAMB Datasheet(PDF) 71 Page - Texas Instruments

Part # AM62A32AMLHAAMB
Description  AM62Ax Sitara™ Processors
PDF  247 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

AM62A32AMLHAAMB Datasheet(HTML) 71 Page - Texas Instruments

Back Button AM62A32AMLHAAMB Datasheet HTML 67Page - Texas Instruments AM62A32AMLHAAMB Datasheet HTML 68Page - Texas Instruments AM62A32AMLHAAMB Datasheet HTML 69Page - Texas Instruments AM62A32AMLHAAMB Datasheet HTML 70Page - Texas Instruments AM62A32AMLHAAMB Datasheet HTML 71Page - Texas Instruments AM62A32AMLHAAMB Datasheet HTML 72Page - Texas Instruments AM62A32AMLHAAMB Datasheet HTML 73Page - Texas Instruments AM62A32AMLHAAMB Datasheet HTML 74Page - Texas Instruments AM62A32AMLHAAMB Datasheet HTML 75Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 71 / 247 page
background image
Table 5-61. UART1 Signal Descriptions (continued)
SIGNAL NAME [1]
PIN TYPE [2]
DESCRIPTION [3]
AMB PIN [4]
ANF PIN [4]
UART1_DTRn
O
UART Data Terminal Ready (active low)
B17
B17
UART1_RIn
I
UART Ring Indicator
C18
C18
UART1_RTSn
O
UART Request to Send (active low)
B19
B19
UART1_RXD
I
UART Receive Data
B21, C17
B21, C17
UART1_TXD
O
UART Transmit Data
A21, E17
A21, E17
Table 5-62. UART2 Signal Descriptions
SIGNAL NAME [1]
PIN TYPE [2]
DESCRIPTION [3]
AMB PIN [4]
ANF PIN [4]
UART2_CTSn
I
UART Clear to Send (active low)
AA22, B22,
T20, Y8
AA22, B22,
T20, Y8
UART2_RTSn
O
UART Request to Send (active low)
D21, T21, V17,
W7
D21, T21, V17,
W7
UART2_RXD
I
UART Receive Data
AB8, D22,
F14, P22, U22
AB8, D22,
F14, P22, U22
UART2_TXD
O
UART Transmit Data
C15, C22,
R19, U21, W9
C15, C22,
R19, U21, W9
Table 5-63. UART3 Signal Descriptions
SIGNAL NAME [1]
PIN TYPE [2]
DESCRIPTION [3]
AMB PIN [4]
ANF PIN [4]
UART3_CTSn
I
UART Clear to Send (active low)
AA6, D18, U17 AA6, D18, U17
UART3_RTSn
O
UART Request to Send (active low)
AB6, E18, T18 AB6, E18, T18
UART3_RXD
I
UART Receive Data
AA7, E22,
R20, U20
AA7, E22,
R20, U20
UART3_TXD
O
UART Transmit Data
C21, R22,
U19, Y7
C21, R22,
U19, Y7
Table 5-64. UART4 Signal Descriptions
SIGNAL NAME [1]
PIN TYPE [2]
DESCRIPTION [3]
AMB PIN [4]
ANF PIN [4]
UART4_CTSn
I
UART Clear to Send (active low)
Y22
Y22
UART4_RTSn
O
UART Request to Send (active low)
Y21
Y21
UART4_RXD
I
UART Receive Data
F22, M22, T19,
T22
F22, M22, T19,
T22
UART4_TXD
O
UART Transmit Data
E21, M20,
R21, U18
E21, M20,
R21, U18
Table 5-65. UART5 Signal Descriptions
SIGNAL NAME [1]
PIN TYPE [2]
DESCRIPTION [3]
AMB PIN [4]
ANF PIN [4]
UART5_CTSn
I
UART Clear to Send (active low)
L21, W19
L21, W19
UART5_RTSn
O
UART Request to Send (active low)
K22, W20
K22, W20
UART5_RXD
I
UART Receive Data
B17, G21,
K20, T20, V22
B17, G21,
K20, T20, V22
UART5_TXD
O
UART Transmit Data
C18, F20,
G20, T21, V21
C18, F20,
G20, T21, V21
Table 5-66. UART6 Signal Descriptions
SIGNAL NAME [1]
PIN TYPE [2]
DESCRIPTION [3]
AMB PIN [4]
ANF PIN [4]
UART6_CTSn
I
UART Clear to Send (active low)
J22, W21
J22, W21
UART6_RTSn
O
UART Request to Send (active low)
J20, W22
J20, W22
www.ti.com
AM62A7, AM62A7-Q1, AM62A3, AM62A3-Q1, AM62A1-Q1
SPRSP77D – MARCH 2023 – REVISED JUNE 2025
Copyright © 2025 Texas Instruments Incorporated
Submit Document Feedback
71
Product Folder Links: AM62A7 AM62A7-Q1 AM62A3 AM62A3-Q1 AM62A1-Q1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com